Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 3 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 3 Page - Analog Devices

  ADUCM322I Datasheet HTML 1Page - Analog Devices ADUCM322I Datasheet HTML 2Page - Analog Devices ADUCM322I Datasheet HTML 3Page - Analog Devices ADUCM322I Datasheet HTML 4Page - Analog Devices ADUCM322I Datasheet HTML 5Page - Analog Devices ADUCM322I Datasheet HTML 6Page - Analog Devices ADUCM322I Datasheet HTML 7Page - Analog Devices ADUCM322I Datasheet HTML 8Page - Analog Devices ADUCM322I Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADuCM322i
Rev. 0 | Page 3 of 23
GENERAL DESCRIPTION
The ADuCM322i is a fully integrated, single package device
that incorporates high performance analog peripherals together
with digital peripherals controlled by an 80 MHz ARM®
Cortex™-M3 processor and integral flash for code and data.
The ADC on the ADuCM322i provides 12-bit, 1 MSPS data
acquisition on up to 16 input balls. Additionally, chip temperature
and supply voltages can be measured.
The ADC input voltage range is 0 V to VREF. A sequencer is
provided, which allows a user to select a set of ADC channels to
measure in sequence without software involvement during the
sequence. The sequence can optionally repeat automatically at a
user selectable rate. Up to eight VDACs are provided with
output ranges that are programmable to one of two voltage
ranges.
The ADuCM322i can be configured so that the digital and
analog outputs retain their output voltages through a watchdog
or software reset sequence. Thus, a product can remain
functional even while the ADuCM322i is resetting itself.
The ADuCM322i has a low power ARM Cortex-M3 processor
and a 32-bit RISC machine that offers up to 100 MIPS peak
performance. Also integrated on-chip are 2 × 128 kB Flash/EE
memory blocks and 32 kB of SRAM. The flash comprises two
separate 128 kB blocks supporting execution from one flash
block and simultaneous writing/erasing of the other flash block.
The ADuCM322i operates from an on-chip oscillator or a 16 MHz
external crystal and a PLL at 80 MHz. This clock can optionally
be divided down to reduce current consumption. Additional low
power modes can be set via software. In normal operating mode,
the ADuCM322i digital core consumes about 300 µA per MHz.
The device includes an MDIO interface capable of operating at
up to 4 MHz. The capability to simultaneously execute from
one flash block and write/erase the other flash block makes the
ADuCM322i ideal for 10G, 40G, and 100G optical applications.
The nonerasable kernel code plus flags in user flash provide
assistance by allowing user code to robustly switch between the
two blocks of user flash code and data spaces.
The ADuCM322i integrates a range of on-chip peripherals that
can be configured under software control, as required in the
application. These peripherals include 1 × UART, 2 × I2C, and 2 ×
SPI serial input/output communication controllers, GPIO,
32-element PLA, three general-purpose timers, plus a wake-up
timer and system watchdog timer. A
16-bit PWM with seven output channels is also provided.
GPIO balls on the device power up in high impedance input
mode. In output mode, the software chooses between open-
drain mode and push-pull mode. The pull-up resistors can be
disabled and enabled in software. In GPIO output mode, the
inputs can remain enabled to monitor the balls. The GPIO balls
can also be programmed to handle digital or analog peripheral
signals; in such cases, the ball characteristics are matched to the
specific requirement.
A large support ecosystem is available for the ARM Cortex-M3
processor to ease product development of the ADuCM322i.
Access is via the ARM serial wire debug port (SW-DP). On-
chip factory firmware supports in-circuit serial download via
I2C. These features are incorporated into a QuickStart™
development system, supporting this precision analog
microcontroller family.


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com