Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 22 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 22 Page - Analog Devices

Back Button ADUCM322I Datasheet HTML 15Page - Analog Devices ADUCM322I Datasheet HTML 16Page - Analog Devices ADUCM322I Datasheet HTML 17Page - Analog Devices ADUCM322I Datasheet HTML 18Page - Analog Devices ADUCM322I Datasheet HTML 19Page - Analog Devices ADUCM322I Datasheet HTML 20Page - Analog Devices ADUCM322I Datasheet HTML 21Page - Analog Devices ADUCM322I Datasheet HTML 22Page - Analog Devices ADUCM322I Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADuCM322i
Data Sheet
Rev. 0 | Page 22 of 23
Figure 13. Recommended Circuit and Component Values
RESET
RESET
GND
DGND
SWDIO
TX
SWCLK
AVDD
F9
L11
K11
A11
F11
H11
L7
K7
J5
F10
3.3kΩ
0.47µF
4.7µF
0.47µF 0.47µF
B2
C1
E11
P1.1/SOUT/PLACLK1/PLAI[5]
J2
SWDIO
H2
A3
A9
12pF
DGND
DGND
ADuCM322i
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
XTALO
XTALI
RESET
RESET
A4
A8
B4
B8
B5
VDD1
RESERVED
B7
SWCLK
P1.0/SIN/ECLKIN/PLAI[4]
P2.3/BM
K1
10kΩ
DVDD
VDD1
0.47µF 0.47µF
VDD1
10kΩ
10kΩ
VIN
VOUT
EN/UVLO
GND
AVDD
DVDD
AGND
DGND
AGND
ADP7102ARDZ3.3
VIN
SENSE/ADJ
PG
VDD1
DGND DGND1
10µF
12pF
DGND
NC
DVDD
AGND
AGND1
K2
E10
B10
E9
B9
C3
RX
NC
NC
NC
NC
AVDD_REG1
D10
G11
L6
B6
A6
B1
D11
J1
K6
L2
L1
0.1µF
0.1µF
0.1µF
10µF
0.1µF
10µF
0.1µF
10µF
1.6Ω
1.6Ω


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com