Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 18 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 18 Page - Analog Devices

Back Button ADUCM322I Datasheet HTML 14Page - Analog Devices ADUCM322I Datasheet HTML 15Page - Analog Devices ADUCM322I Datasheet HTML 16Page - Analog Devices ADUCM322I Datasheet HTML 17Page - Analog Devices ADUCM322I Datasheet HTML 18Page - Analog Devices ADUCM322I Datasheet HTML 19Page - Analog Devices ADUCM322I Datasheet HTML 20Page - Analog Devices ADUCM322I Datasheet HTML 21Page - Analog Devices ADUCM322I Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADuCM322i
Data Sheet
Rev. 0 | Page 18 of 23
Pin No.
Mnemonic
Type1
Description
G2
P3.1/PRTADDR1/PLAI[13]
I/O
Digital Input/Output Port 3.1 (P3.1).
MDIO Port Address Bit 1 (PRTADDR1). See the Digital Inputs parameter in
Table 1 for details.
Input to PLA Element 13 (PLAI[13]).
G3
P3.0/PRTADDR0/PLAI[12]
I/O
Digital Input/Output Port 3.0 (P3.0).
MDIO Port Address Bit 0 (PRTADDR0). See the Digital Inputs parameter in
Table 1 for details.
Input to PLA Element 12 (PLAI[12]).
G9
AIN15/P4.7
AI/I/O
Analog Input 15 (AIN15).
Digital Input/Output Port 4.7 (P4.7).
G10
AIN13/P4.5
AI/I/O
Analog Input 13 (AIN13).
Digital Input/Output Port 4.5 (P4.5).
G11
AVDD4
S
ADC Supply (3.3 V).
H1
P3.5/MCK/PLAO[27]
I/O
Digital Input/Output Port 3.5 (P3.5).
MDIO Clock (MCK). See the Digital Inputs parameter in Table 1 for more details.
Output of PLA Element 27 (PLAO[27]).
H2
XTALO
O
Output from the Crystal Oscillator Inverter. When not using an external
crystal, leave XTALO unconnected.
H3
MDIO
I/O
MDIO Data.
H9
AIN14/P4.6
AI/I/O
Analog Input 14 (AIN14).
Digital Input/Output Port 4.6 (P4.6).
H10
AIN12/P4.4
AI/I/O
Analog Input 12 (AIN12).
Digital Input/Output Port 4.4 (P4.4).
H11
AGND4
S
Ground for AVDD4, AVDD_REG0, and AVDD_REG1.
J1
IOVDD3
S
3.3 V GPIO Supply.
J2
XTALI
I
Input to the Crystal Oscillator Inverter and Input to the Internal Clock
Generator Circuits. When not using an external crystal, connect XTALI to
DGND.
J3
VDAC7/P5.2
AO/I/O
Voltage DAC7 Output (VDAC7).
Digital Input/Output Port 5.2 (P5.2).
J4
VDAC4
AO
Voltage DAC4 Output (VDAC4).
J5
AGND1
S
Analog Ground for VDD1.
J6
AIN0
AI
Analog Input 0.
J7
AIN1
AI
Analog Input 1.
J8
AIN2
AI
Analog Input 2.
J9
AIN7
AI
Analog Input 7.
J10
AIN10
AI
Analog Input 10.
J11
AIN11/BUF_VREF2V5
AI/AO
Analog Input 11 (AIN11).
Buffered 2.5 V Bias (BUF_VREF2V5). The maximum load is 1.2 mA. Connect
BUF_VREF2V5 to AGNDx via a 100 nF capacitor.
K1
IOGND3
S
Ground for IOVDD3.
K2
DVDD_2V5
AO
2.5 V Digital Supply. A 470 nF capacitor to IOGND3 must be connected to this
ball to stabilize the internal 2.5 V regulator that supplies the analog digital control.
K3
VDAC6/P5.1
AO/I/O
Voltage DAC6 Output (VDAC6).
Digital Input/Output Port 5.1 (P5.1).
K4
VDAC3/P5.0
AO/I/O
Voltage DAC3 Output (VDAC3).
Digital Input/Output Port 5.0 (P5.0).
K5
VDAC1
AO
Voltage DAC1 Output.
K6
VDD1
S
3.3 V Supply for Digital Die.
K7
AGND2
S
ESD Ground for Pad Ring.
K8
AIN3
AI
Analog Input 3.
K9
AIN6
AI
Analog Input 6. AIN6 is also the positive input for the comparator.
K10
AIN9/P4.3
AI/I/O
Analog Input 9 (AIN9).
Digital Input/Output Port 4.3 (P4.3).


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com