Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 14 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 14 Page - Analog Devices

Back Button ADUCM322I Datasheet HTML 10Page - Analog Devices ADUCM322I Datasheet HTML 11Page - Analog Devices ADUCM322I Datasheet HTML 12Page - Analog Devices ADUCM322I Datasheet HTML 13Page - Analog Devices ADUCM322I Datasheet HTML 14Page - Analog Devices ADUCM322I Datasheet HTML 15Page - Analog Devices ADUCM322I Datasheet HTML 16Page - Analog Devices ADUCM322I Datasheet HTML 17Page - Analog Devices ADUCM322I Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADuCM322i
Data Sheet
Rev. 0 | Page 14 of 23
ABSOLUTE MAXIMUM RATINGS
Table 9.
Parameter
Rating
Any Ball to GND
−0.3 V to +3.9 V
Any RES1 Type Ball to GND
−0.3 V to +2.8 V
MDIO,1 MCK and PRTADDR0 to
PRTADDR4 in MDIO Mode to GND
−0.3 V to +2.1 V
Between Any of AVDDx, IOVDDx, and
VDD1 Balls
−0.3 V to +0.3 V
Any I Type Ball to GND2
−0.3 V to IOVDDx + 0.3 V
Any RES Type, AI Type, or AO Type
Ball to GND3
−0.3 V to AVDDx + 0.3 V
ADC_REFP to GND
−0.3 V to AVDDx + 0.3 V
Total Positive GPIO Ball Currents
0 mA to 30 mA
Total Negative GPIO Ball Currents
−30 mA to 0 mA
Maximum Power Dissipation
1 W
Operating Ambient Temperature
Range
−40°C to +105°C
Storage Temperature Range
−65°C to +160°C
Operating Junction Temperature
Range
−40°C to +120°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)
2 kV
Field Induced Charged Device
Mode (FICDM)
1 kV
1
Note this ball is always in MDIO mode.
2
This limit does not apply if no current can be drawn by external circuits on
IOVDDx, because then IOVDD follows to a suitable level.
3
This limit does not apply if no current can be drawn by external circuits on
AVDDx, because then AVDD follows to a suitable level.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
All requirements applicable to each ball must be met. Where
multiple limits apply to a ball, each one must be met individually.
The limits apply according to the functionality of the balls at the
time. Balls that can be either analog or digital, that is, that have
two types indicated in the ball descriptions, must meet the
limits for both types. For ball types, see Table 10.
When powered up, it is required that all ground balls and
ADC_REFN be connected together to a node referred to as
GND in Table 9. The limits that are listed must be reduced by
any difference between any GNDs. Also, it is required that
AVDD3 is connected to AVDD4 and that IOVDD1 to IOVDD3
are connected together.
ESD CAUTION


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com