Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 11 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUCM322I Datasheet HTML 7Page - Analog Devices ADUCM322I Datasheet HTML 8Page - Analog Devices ADUCM322I Datasheet HTML 9Page - Analog Devices ADUCM322I Datasheet HTML 10Page - Analog Devices ADUCM322I Datasheet HTML 11Page - Analog Devices ADUCM322I Datasheet HTML 12Page - Analog Devices ADUCM322I Datasheet HTML 13Page - Analog Devices ADUCM322I Datasheet HTML 14Page - Analog Devices ADUCM322I Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADuCM322i
Rev. 0 | Page 11 of 23
Table 6. SPI Slave Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
t
CS
CS to SCLK edge
10
ns
t
CSM
CS high time between active periods
SCLKx
ns
tSL
SCLK low pulse width
(SPIDIV + 1) × tHCLK
ns
tSH
SCLK high pulse width
(SPIDIV + 1) × tHCLK
ns
tDAV
Data output valid after SCLK edge
20
ns
tDSU
Data input setup time before SCLK edge
10
ns
tDHD
Data input hold time after SCLK edge
10
ns
tDF
Data output fall time
25
ns
tDR
Data output rise time
25
ns
tSR
SCLK rise time
1
ns
tSF
SCLK fall time
1
ns
tSFS
CS high after SCLK edge
20
ns
Figure 5. SPI Slave Mode Timing (Phase Mode = 1)
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
tSH
tSL
tSR
tSF
tSFS
MISO
MSB
BITS 6 TO 1
LSB
MOSI
MSB IN
BITS 6 TO 1
LSB IN
tDHD
tDSU
tDAV
tDR
tDF
CS
tCS
tCSM


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
Up to 16 ADC input channels
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com