Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 10 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM322I Datasheet HTML 6Page - Analog Devices ADUCM322I Datasheet HTML 7Page - Analog Devices ADUCM322I Datasheet HTML 8Page - Analog Devices ADUCM322I Datasheet HTML 9Page - Analog Devices ADUCM322I Datasheet HTML 10Page - Analog Devices ADUCM322I Datasheet HTML 11Page - Analog Devices ADUCM322I Datasheet HTML 12Page - Analog Devices ADUCM322I Datasheet HTML 13Page - Analog Devices ADUCM322I Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADuCM322i
Data Sheet
Rev. 0 | Page 10 of 23
Table 5. SPI Master Mode Timing (Phase Mode = 0)
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width
(SPIDIV + 1) × tHCLK/2
ns
tSH
SCLK high pulse width
(SPIDIV + 1) × tHCLK/2
ns
tDAV
Data output valid after SCLK edge
0
3
ns
tDOSU
Data output setup before SCLK edge
½ SCLK
ns
tDSU
Data input setup time before SCLK edge
SCLK
ns
tDHD
Data input hold time after SCLK edge
SCLK
ns
tDF
Data output fall time
25
ns
tDR
Data output rise time
25
ns
tSR
SCLK rise time
20
ns
tSF
SCLK fall time
20
ns
Figure 4. SPI Master Mode Timing (Phase Mode = 0)
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
tSH
tSL
tSR
tSF
MOSI
MSB
BITS 6 TO 1
LSB
MISO
MSB IN
BITS 6 TO 1
LSB IN
tDR
tDF
tDAV
tDOSU
tDSU
tDHD


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
Up to 16 ADC input channels
REV. 0
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com