Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 6 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUCM322I Datasheet HTML 2Page - Analog Devices ADUCM322I Datasheet HTML 3Page - Analog Devices ADUCM322I Datasheet HTML 4Page - Analog Devices ADUCM322I Datasheet HTML 5Page - Analog Devices ADUCM322I Datasheet HTML 6Page - Analog Devices ADUCM322I Datasheet HTML 7Page - Analog Devices ADUCM322I Datasheet HTML 8Page - Analog Devices ADUCM322I Datasheet HTML 9Page - Analog Devices ADUCM322I Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADuCM322i
Data Sheet
Rev. 0 | Page 6 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS
Input Leakage Current
Logic 1 GPIO
1
nA
VIH = VDD, pull-up resistor disabled
Logic 0 GPIO
10
nA
VIL = 0 V, pull-up resistor disabled
PRTADDRx
Input Leakage Current
16
µA
VIN = 0 V to 1.8 V, due to weak pull-
up resistors to 1.8 V
Input Voltage
0.84
1.5
V
External resistor 91 kΩ ± 1% to
ground; range for CFP MSA high1
Input Capacitance, All Balls Except
MCK, MDIO, PRTADDRx, and XTALx
10
pF
Input Capacitance
MCK, PRTADDRx
6.5
pF
MDIO
8.5
pF
Ball Capacitance
XTALI
5
pF
XTALO
5
pF
LOGIC INPUTS
GPIO Input Voltage
Low
VINL
0.25 × IOVDDx
V
High
VINH
0.58 × IOVDDx
V
MDIO
PRTADDRx Input Voltage
Low
VINL
0.36
V
High
VINH
0.84
V
MCK, MDIO Input Voltage
Setup time ≥10 ns; hold time ≥10 ns;
MCK/MDIO
Low
VINL
0.36
V
High
VINH
0.84
V
XTALI Input Voltage
Low
VINL
1.1
V
High
VINH
1.7
V
Pull-Up Current
30
120
µA
VIN = 0 V, see Figure 10
Pull-Down Current
30
100
µA
VIN = 3.3 V, see Figure 10
LOGIC OUTPUTS
All digital outputs excluding XTALO
GPIO Output Voltage6
High
VOH
IOVDDx − 0.4
V
ISOURCE = 2 mA
Low
VOL
0.4
V
ISINK = 2 mA
GPIO Short-Circuit Current1
11
mA
See Figure 11
MDIO
Output Voltage
High
VOH
1.0
V
ISOURCE = 4 mA
Low
VOL
0.2
V
ISINK = 4 mA
Delay Time
100
ns
MCK to MDIO out
OSCILLATORS
Internal System Oscillator
16
MHz
Accuracy
±0.5
±3
%
System PLL
80
MHz
Main system clock
External Crystal Oscillator
16
MHz
Can be selected in place of the
internal oscillator
32 kHz Internal Oscillator
32.768
kHz
Use for watchdog
Accuracy
±5
±20
%
External Clock
0.05
80
MHz
Can be selected in place of PLL
START-UP TIME
Processor clock = 80 MHz
At Power-On
40
ms
POR to first user code execution
After Other Reset
1.5
ms
Reset to first user code execution
From All Power-Down Modes
1.25
µs


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com