Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322I Datasheet(PDF) 5 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 5 Page - Analog Devices

  ADUCM322I Datasheet HTML 1Page - Analog Devices ADUCM322I Datasheet HTML 2Page - Analog Devices ADUCM322I Datasheet HTML 3Page - Analog Devices ADUCM322I Datasheet HTML 4Page - Analog Devices ADUCM322I Datasheet HTML 5Page - Analog Devices ADUCM322I Datasheet HTML 6Page - Analog Devices ADUCM322I Datasheet HTML 7Page - Analog Devices ADUCM322I Datasheet HTML 8Page - Analog Devices ADUCM322I Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADuCM322i
Rev. 0 | Page 5 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
EXTERNAL REFERENCE INPUT
Range1
1.8
2.5
V
ADC
Input Current
200
µA
BUFFERED REFFERNCE OUTPUT
Output Voltage
2.504
V
Accuracy
±8
mV
TA = 25°C, load = 1.2 mA
Reference Temperature Coefficient1
±15
µV/°C
100 nF from BUF_VREF2V5 to AGND4
Output Impedance
10
TA = 25°C
Load Current1
1.2
mA
VDAC CHANNEL SPECIFICATIONS
RL = 5 kΩ, CL = 100 pF2
DC Accuracy1
12
Bits
1 LSB = 2.5 V/212
Resolution1
12
Bits
Number of data bits
Relative Accuracy3
INL
±4
LSB
1 LSB = 2.5 V/212
Differential Nonlinearity3
DNL
+1/−0.99
LSB
Guaranteed monotonic, 1 LSB =
2.5 V/212
Offset Error
±3
±15
mV
2.5 V internal reference,
DAC Output Code 0
Drift
±18
µV/°C
Gain Error4
±0.3
±0.85
%
0 V to internal VREF range
±0.4
±1
%
0 V to AVDD range
Drift
6.5
ppm/°C
Excluding reference drift
Mismatch
0.1
%
% of full scale on DAC0
Analog Outputs
Output Voltage Range 11
0.15
2.5
V
Output Voltage Range 21
0.15
AVDDx − 0.15
V
Output Impedance
2
DAC AC Characteristics
Output Settling Time
10
µs
Settled to ±1 LSB
Glitch Energy
±20
nV-sec
1 LSB change when the maximum
number of bits changes simultane-
ously in the DACxDAT register
COMPARATOR
Input
Offset Voltage
±10
mV
Bias Current
1
nA
Voltage Range1
AGNDx
AVDDx − 1.2
V
Capacitance
7
pF
Hysteresis1
8.5
15
mV
When enabled in software
Response Time
7
µs
AFECOMP, Bits[2:1] = 0
TEMPERATURE SENSOR
Indicates die temperature, see
Figure 9
Resolution
0.5
°C
When precision calibrated by the
user5
Accuracy1
1.34
1.43
V
ADC measured voltage for
temperature sensor channel without
calibration, TA = 25°C
POWER-ON RESET
POR
2.85
2.9
V
WATCHDOG TIMER
WDT
Timeout Period
32
sec
Default at power-up
FLASH/EE MEMORY
Endurance1
10,000
Cycles
Data Retention1
20
Years
TJ = 85°C


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
Up to 16 ADC input channels
REV. 0
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com