Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC845_847_848ANOMALY Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC845_847_848ANOMALY
Description  This anomaly list represents the known bugs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC845_847_848ANOMALY Datasheet(HTML) 1 Page - Analog Devices

  ADUC845_847_848ANOMALY Datasheet HTML 1Page - Analog Devices ADUC845_847_848ANOMALY Datasheet HTML 2Page - Analog Devices ADUC845_847_848ANOMALY Datasheet HTML 3Page - Analog Devices ADUC845_847_848ANOMALY Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MicroConverter® Multichannel 24-/16-Bit ADCs with
Embedded 62 kB Flash and Single-Cycle MCU
Anomaly Sheet for Silicon Rev. C
ADuC845/ADuC847/ADuC848
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
This anomaly list represents the known bugs, anomalies, and workarounds for the ADuC845, ADuC847, and ADuC848 MicroConverter
products. The anomalies listed apply to all ADuC845/ADuC847/ADuC848 packaged material branded as follows:
First (CSP) / Second (PQFP) Line
ADuC845 or ADuC847 or ADuC848
Third (CSP) / Fourth Line (PQFP)
C20
Analog Devices, Inc. is committed, through future silicon revisions, to continuously improving silicon functionality. Analog Devices tries
to ensure that these future silicon revisions remain compatible with your present software/systems implementing the recommended
workarounds outlined here.
ADuC845/ADuC847/ADuC848 SILICON REVISION HISTORY
Silicon
Revision
Identifier
Kernel
Revision
Identifier
Chip Marking
Silicon
Status
Anomaly Sheet
No. of Reported Anomalies
C
0
All silicon branded
ADUC845BS or ADuC845BCP
ADuC847BS or ADuC847BCP
ADuC8484BS or ADuC848BCP
Third/Fourth Line: C20
Release
Rev. B
7
ANOMALIES
1. Interrupts During Reading/Writing to DATAFLASH/EE [er001]
Background:
There are 4 kB of DATAFLASH/EE that can be used for nonvolatile data storage.
Issue:
If an interrupt occurs during a DATAFLASH/EE read or write operation, code execution following the ISR may resume at
a random program memory address.
Workaround:
Disable all interrupts prior to a read or write operation. This can be done by setting the EA bit to 0.
Related Issues:
None.
2. PWM Operation [er002]
Background:
The PWM output rate is determined by the PWMxH and PWMxL registers for the PWM0 and PWM1 outputs.
Issue:
Modifying RAM address 2EH causes the PWM timer to be reset.
Workaround:
For Assembly code:
Do not use memory location 2EH.
For C code:
Assign a dummy variable to location 0x2E using the following code:
idata unsigned int ui32Dummy[2] _at_ 0x2E;
Related Issues:
None.


Similar Part No. - ADUC845_847_848ANOMALY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845BCP62-3 AD-ADUC845BCP62-3 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845BCP62-5 AD-ADUC845BCP62-5 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845BCP8-3 AD-ADUC845BCP8-3 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845BCP8-5 AD-ADUC845BCP8-5 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADuC845BCPZ62-3 AD-ADuC845BCPZ62-3 Datasheet
1Mb / 108P
MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
More results

Similar Description - ADUC845_847_848ANOMALY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7124_7126_ANOMALY AD-ADUC7124_7126_ANOMALY Datasheet
101Kb / 5P
This anomaly list describes the known bugs
ADT7411_ANOMALY AD-ADT7411_ANOMALY Datasheet
118Kb / 2P
This anomaly list describes the known bugs
logo
Texas Instruments
SPNZ187 TI1-SPNZ187 Datasheet
127Kb / 36P
This document describes the known exceptions to the functional specifications for the device.
SPNZ186 TI1-SPNZ186 Datasheet
144Kb / 43P
This document describes the known exceptions to the functional specifications for the device.
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
This document contains a list of frequently
logo
Xilinx, Inc
DS804 XILINX-DS804 Datasheet
225Kb / 7P
The following tables list the external slave signals and master
logo
PHOENIX CONTACT
2688394 PHOENIX-2688394 Datasheet
118Kb / 8P
The bus coupler represents the link between an EtherNet/IP??network and the Axioline F system.
logo
List of Unclassifed Man...
HRM-554S ETC2-HRM-554S Datasheet
443Kb / 12P
Converter adapter list
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
MUSIC Semiconductors
MU9C3640L MUSIC-MU9C3640L Datasheet
185Kb / 22P
LIST-XL Family
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com