Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJQ4503 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJQ4503
Description  N-and P-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJQ4503 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJQ4503 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOP8 Plastic-Encapsulate MOSFETS
CJQ4503
N-and P-Channel Enhancement Mode Power MOSFET
DESCRIPTION
Advance Power MOSFETs provide the designer with the best
combination of fast switching, ruggedized device desigh, low
on-resistance and cost -effectiveness.
The SOP8 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
MARKING:
Maximum ratings ( Ta=25
℃ unless otherwise noted)
Parameter Sy
mbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
Gate-Source Voltage
VGS
±20
±20
V
6.9
-6.3
Continuous Drain Current
a
Ta=25
Ta=70
ID
5.5
-5
Pulsed Drain Current
b
IDM
20
-20
A
Power Dissipation
PD
1.4
W
Thermal Resistance from Junction to Ambient
RθJA
89
℃/W
Operating Junction Temperature
TJ
150
Storage Temperature
TSTG
-55 ~+150
Notes :
a. These tests are performed with infinite heat sink.
b.Pulse width by Max.junction temperature.
SOP8
Q4503
YY
www.cj-elec.com
1
G,Mar,2016
V(BR)DSS
RDS(on)MAX
ID
30 V
 
28mΩ@10V 
6.9A
42mΩ@4.5V 
-30V
  36m
Ω@-10V 
-6.3A
  
55mΩ@-4.5V 
Equivalent Circuit
Solid dot = Green molding compound device,
if none,the normal device.
Q4503= Device code
YY=Date Code
Solid dot =
Pin1 indicator
S1
G1
S2
G2
D2
D2
D1
D1
12
3
4
5
6
7
8


Similar Part No. - CJQ4503

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJQ4559 JIANGSU-CJQ4559 Datasheet
1Mb / 6P
N Channel P Channel Mosfet
More results

Similar Description - CJQ4503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
N- And P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com