Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJQ4503 Datasheet(PDF) 6 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJQ4503
Description  N-and P-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJQ4503 Datasheet(HTML) 6 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJQ4503 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ4503 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOP8 Tape and Reel
www.cj-elec.com
6
G,Mar,2016
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
4,000 pcs
13 inch
8,000 pcs
360×360×65
64,000 pcs
565×380×390
Reel Option
13''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø330.00
100.00
13.00
R151.00
R56.00
R6.50
12.40
17.60


Similar Part No. - CJQ4503

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJQ4559 JIANGSU-CJQ4559 Datasheet
1Mb / 6P
   N Channel P Channel Mosfet
More results

Similar Description - CJQ4503

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com