Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

114-13219 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 114-13219
Description  Stacked Small Form-Factor Pluggable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

114-13219 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 114-13219 Datasheet HTML 2Page - TE Connectivity Ltd 114-13219 Datasheet HTML 3Page - TE Connectivity Ltd 114-13219 Datasheet HTML 4Page - TE Connectivity Ltd 114-13219 Datasheet HTML 5Page - TE Connectivity Ltd 114-13219 Datasheet HTML 6Page - TE Connectivity Ltd 114-13219 Datasheet HTML 7Page - TE Connectivity Ltd 114-13219 Datasheet HTML 8Page - TE Connectivity Ltd 114-13219 Datasheet HTML 9Page - TE Connectivity Ltd 114-13219 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
114-13219
Rev C
9 of 10
5.1. Seating Tool Kits
The seating tool kits (each consists of a seating tool and wall support) are used to seat the connector and cage
assembly onto the pc board. The seating tool and wall support are also available separately.
5.2. Extraction Tool
The extraction tool is used to remove the connector and cage assembly from the pc board by pushing the pc
board off of the connector and cage assembly. The part should not be reused.
5.3. Application Tool
Power for the seating tools and extraction tools must be provided by an application tool (with a ram) capable of
supplying a downward force of 44.5 N [10 lbs] per contact. For available application tools, call Product
Information at the number at the bottom of page 1.
5.4. PC Board Support Fixture
A pc board support must be used with the seating tool and the extraction tool. The support fixture provides
proper support for the pc board and protects the pc board and the connector and cage assembly from damage.
The support fixture must be customer designed. It is recommended that the support fixture be at least 25.4 mm
longer and wider than the pc board and have flat surfaces with holes or a channel large enough and deep
enough to receive any protruding components of the connector and cage assembly.
CONNECTOR AND CAGE ASSEMBLY
SEATING TOOL KIT
(408-10261)
EXTRACTION TOOL
(408-10259)
TYPE
CONFIGURATION
Standard
2X1
2018280-1
2063048-2
2X2
2018280-2
2063048-3
2X4
2018280-3
2063048-1
2X5
2018280-6
2063048-5
2X6
2018280-4
2063048-4
2X8
2018280-5
2063048-6
Figure 7
Typical Seating Took Kit
(Refer to Table)
Typical Extraction Tool
(refer to Table)


Similar Part No. - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-13206 TEC-114-13206 Datasheet
944Kb / 17P
   ELCON* Drawer Series Connectors
114-13225 TEC-114-13225 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
114-13245 TEC-114-13245 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
114-13252 TEC-114-13252 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
More results

Similar Description - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
logo
Molex Electronics Ltd.
1715650003 MOLEX1-1715650003 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com