Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

114-13219 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 114-13219
Description  Stacked Small Form-Factor Pluggable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

114-13219 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 114-13219 Datasheet HTML 2Page - TE Connectivity Ltd 114-13219 Datasheet HTML 3Page - TE Connectivity Ltd 114-13219 Datasheet HTML 4Page - TE Connectivity Ltd 114-13219 Datasheet HTML 5Page - TE Connectivity Ltd 114-13219 Datasheet HTML 6Page - TE Connectivity Ltd 114-13219 Datasheet HTML 7Page - TE Connectivity Ltd 114-13219 Datasheet HTML 8Page - TE Connectivity Ltd 114-13219 Datasheet HTML 9Page - TE Connectivity Ltd 114-13219 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
114-13219
Rev C
8 of 10
3.11. Checking Assembly
After assembly, the cage assembly panel grounding feature must be compressed by the bezel. A slight bow in
the cage assembly is permitted. The bezel and pc board must positioned according to the dimensions shown in
Figure 6.
Figure 6
3.12. EMI/Dust Plug
An EMI/Dust Plug should be installed into its respective port when the module is not mated with the cage
assembly.
3.13. Repair and Rework
Damaged or defective connector and cage assemblies must be removed and replaced.
If repair or rework to the pc board requires soldering after the connector and cage assembly has been seated
onto the pc board, the following must apply:
--- After soldering, removal of fluxes, residues, and activators is necessary. Consult with the supplier of
the solder and flux for recommended cleaning solvents. Cleaners must be free of dissolved flux and other
c
ontaminants. Even when using a “no clean” solder paste, it is imperative that the contact interface be
kept clean of flux and residue (since it acts as an insulator).
DANGER
Consideration must be given to toxicity and other safety requirements recommended by the solvent manufacturer. Refer to the
manufacturer's Material Safety Data Sheet (MSDS) for characteristics and handling of cleaners. Trichloroethylene and
Methylene Chloride is not recommended because of harmful occupational and environmental effects. Both are carcinogenic
(cancer-causing).
--- Air drying is recommended. Otherwise, make sure that temperature limitations are not exceeded:
-55° to 105°C [-67° to 221°F]. Excessive temperatures may cause housing degradation.
4. QUALIFICATION
SFP+ Connectors are Recognized by Underwriters Laboratories Inc. (UL) in File No. E28476.
5. TOOLING
Tooling part numbers and instructional material packaged with the tooling are given in Figure 7.
Front View
Side View
Bezel
Cutout
Cage Assembly
Module Locking Latch
Slightly Raised
Bezel
Cage Assembly Panel Ground
Springs Compressed by Bezel
26 (Ref)
PC Board
PC Board
Cage Assembly
0 ±0.1 (Bottom of
Cutout in Bezel to
Top of PC Board)
3.5 ±0.1 (Distance
Between Back of Bezel
and Front of PC Board)


Similar Part No. - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-13206 TEC-114-13206 Datasheet
944Kb / 17P
ELCON* Drawer Series Connectors
114-13225 TEC-114-13225 Datasheet
709Kb / 6P
Hermaphroditic Blade and Receptacle Connector
114-13245 TEC-114-13245 Datasheet
514Kb / 4P
Inverted SMT Thru Board Connector
114-13252 TEC-114-13252 Datasheet
709Kb / 6P
Hermaphroditic Blade and Receptacle Connector
More results

Similar Description - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
logo
Molex Electronics Ltd.
1715650003 MOLEX1-1715650003 Datasheet
44Kb / 2P
zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
Small Form- Factor Pluggable (SFP) Seating
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
Quad Small Form- factor Pluggable (QSFP) Products
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com