Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

114-13219 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 114-13219
Description  Stacked Small Form-Factor Pluggable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

114-13219 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 114-13219 Datasheet HTML 2Page - TE Connectivity Ltd 114-13219 Datasheet HTML 3Page - TE Connectivity Ltd 114-13219 Datasheet HTML 4Page - TE Connectivity Ltd 114-13219 Datasheet HTML 5Page - TE Connectivity Ltd 114-13219 Datasheet HTML 6Page - TE Connectivity Ltd 114-13219 Datasheet HTML 7Page - TE Connectivity Ltd 114-13219 Datasheet HTML 8Page - TE Connectivity Ltd 114-13219 Datasheet HTML 9Page - TE Connectivity Ltd 114-13219 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
114-13219
Rev C
7 of 10
3.9. PC Board and Bezel Position
The bezel and pc board must be positioned in relation to each other to avoid interference with the function of
the cage assembly module locking latch and to ensure proper function of the panel ground springs. This
relationship must conform to the dimensions stated in Figure 4.
3.10. Placement
The following requirements also apply to connectors and cage assemblies used for rework purposes.
CAUTION
To avoid damage to elastomeric gasket, panel ground springs, and compliant tails, handle only by cage sides.
A. Registration
The compliant pin contacts and mounting posts must be aligned with matching holes in the pc board, then
inserted into the pc board simultaneously to prevent twisting or bending of the compliant pin contacts.
B. Seating
Using proper seating force and seating height is essential to interconnection performance. The force used
to seat the connector and cage assembly must be applied evenly to prevent deformation or other damage
to the compliant pin contacts. The force required to seat the connector and cage assembly onto the pc
board can be calculated by:
Amount of Compliant Pin Contacts 44.5 N [10 lbs] (Force per Compliant Pin Contact) = Seating Force
CAUTION
Over-driving of the connector and cage assembly will deform parts critical to the quality of the connection. Maximum force
occurs prior to the connector and cage assembly bottoming on the pc board.
The shut height of the application tool must be specifically set for proper seating of the connector and
cage assembly. The shut height can be calculated by:
Seating Height (Connector and Cage Assembly Seated) + Height of Seating Tool + Combined
Thicknesses of PC Board and PC Board Support Fixture = Shut Height (Ram Down)
The seating height, measured from the top of the cage assembly (not including the panel grounding
feature) to the top of the pc board, is given in Figure 5.
The connector and cage assembly must be seated on the pc board not exceeding the dimensions shown
in Figure 5.
NOTE
The shut height may need to be adjusted to obtain the 0.10 mm maximum gap between the standoffs of the cage assembly
and the pc board.
Figure 5
Cage Assembly
25.5 Seating Height
(Top of Cage Assembly, Not Including
Panel Ground Springs, to PC Board)
Compliant Pin Contacts
Connector
Mounting Posts
0.10 (Max) Gap Cage Assembly
Standoffs to PC Board


Similar Part No. - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
114-13206 TEC-114-13206 Datasheet
944Kb / 17P
   ELCON* Drawer Series Connectors
114-13225 TEC-114-13225 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
114-13245 TEC-114-13245 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
114-13252 TEC-114-13252 Datasheet
709Kb / 6P
   Hermaphroditic Blade and Receptacle Connector
More results

Similar Description - 114-13219

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
logo
Molex Electronics Ltd.
1715650003 MOLEX1-1715650003 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com