Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4317-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4317-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA4317-Q1 Datasheet HTML 1Page - Texas Instruments OPA4317-Q1 Datasheet HTML 2Page - Texas Instruments OPA4317-Q1 Datasheet HTML 3Page - Texas Instruments OPA4317-Q1 Datasheet HTML 4Page - Texas Instruments OPA4317-Q1 Datasheet HTML 5Page - Texas Instruments OPA4317-Q1 Datasheet HTML 6Page - Texas Instruments OPA4317-Q1 Datasheet HTML 7Page - Texas Instruments OPA4317-Q1 Datasheet HTML 8Page - Texas Instruments OPA4317-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OffsetVoltage( V)
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
SLOS914 – JULY 2016
OPAx317-Q1 Zerø-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification level C6
Supply Voltage: 1.8 V to 5.5 V
microPackages:
Single: SOT23-5
Dual: VSSOP-8
Quad: TSSOP-14
Low Offset Voltage: 20 μV (Typical)
CMRR: 108-dB (Typical) PSRR
Quiescent Current: 35 μA (Maximum)
Gain Bandwidth: 300 kHz
Rail-to-Rail Input and Output
Internal EMI and RFI Filtering
2 Applications
HEV-EV power train
Advanced driver assist (ADAS)
Automatic climate control
Low noise, low power circuits
Avionics, landing gear
Medical instrumentation
Current sense
3 Description
The
OPA317-Q1
series
of
CMOS
operational
amplifiers offer precision performance at a very
competitive price. These devices are members of the
Zerø-Drift family of amplifiers that use a proprietary
autocalibration technique to simultaneously provide
low offset voltage (90 μV maximum) and near-zero
drift over time and temperature at only 35 μA
(maximum) of quiescent current.
The OPA317-Q1 family features rail-to-rail input and
output in addition to near flat 1/f noise, making this
amplifier ideal for many applications, and much easier
to design into a system. These devices are optimized
for low-voltage operation as low as 1.8 V (±0.9 V)
and up to 5.5 V (±2.75 V).
The OPA317-Q1 (single version) is available in the
SOT23-5 package. The OPA2317-Q1 (dual version)
is offered in the VSSOP-8 package. The OPA4317-
Q1 is offered in the TSSOP-14 package. All versions
are specified for operation from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA317-Q1
SOT-23 (5)
1.60 mm × 2.90 mm
OPA2317-Q1
VSSOP (8)
3.00 mm × 3.00 mm
OPA4317-Q1
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Distribution of Offset Voltage


Similar Part No. - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com