Electronic Components Datasheet Search |
|
OPA4317-Q1 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
OPA4317-Q1 Datasheet(HTML) 19 Page - Texas Instruments |
19 / 31 page Device ADS1100 Load V I C 2 R 1 4.99 kW R 3 4.99 kW R 4 48.7 kW R 2 49.9 kW +5 V 3 V REF3130 R 7 1.18 kW R SHUNT 1 W R 6 71.5 kW R N 56 W R N 56 W (PGA Gain = 4) FS = 3.0 V Stray Ground-Loop Resistance I LOAD Copyright © 2016, Texas Instruments Incorporated 19 OPA317-Q1, OPA2317-Q1, OPA4317-Q1 www.ti.com SLOS914 – JULY 2016 Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 9.3 System Example RN are operational resistors used to isolate the ADS1100 from the noise of the digital I 2C bus. The ADS1100 device is a 16-bit converter; therefore, a precise reference is essential for maximum accuracy. If absolute accuracy is not required and the 5-V power supply is sufficiently stable, the REF3130 device may be omitted. NOTE: 1% resistors provide adequate common-mode rejection at small ground-loop errors. Figure 24. Low-Side Current Monitor 10 Power Supply Recommendations The OPAx317-Q1 device is specified for operation from 1.8 V to 5.5 V (±0.9 V to ±2.75 V); many specifications apply from –40°C to +125°C. The Electrical Characteristics: VS = 1.8 V to 5.5 V table presents parameters that can exhibit significant variance with regard to operating voltage or temperature. CAUTION Supply voltages larger than 7 V can permanently damage the device (see the Absolute Maximum Ratings) table. Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high- impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout Guidelines section. |
Similar Part No. - OPA4317-Q1 |
|
Similar Description - OPA4317-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |