Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14-PA5F6EJ Datasheet(PDF) 1 Page - E-SWITCH

Part # 14-PA5F6EJ
Description  ALL DIMESNSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

14-PA5F6EJ Datasheet(HTML) 1 Page - E-SWITCH

  14-PA5F6EJ Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PA5F6EJ
1.5
7/25/2014
14-PA5F6EJ
C
rc
1
1
1A
2A
3B
4B
DPST
OFF - (ON)
() Denotes Momentary Function
SCHEMATIC
C
21532
Housing change to locking tab
7/25/14
rc
12.80
[.504 in]
18.80
[.740 in]
9.90
[.390 in]
17.00
[.669 in]
15.50
[.610 in]
12.00
[.472 in]
.80
[.031 in]
17.00
[.669 in]
9.50
[.374 in]
3.80
[.150 in]
3.00
[.118 in]
8.00
[.315 in]
14.50
[.571 in]
11.20
[.441 in]
6.30
[.248 in]
2A
1A
2A
4B
NOTES:
1. ALL DIMESNSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
0.4
X.XX=
0.25
3. ELECTRICAL LIFE: 6,000 [cURus]
10,000 [VDE]
4. CONTACT RESISTANCE: 20 mΩ MAX. INITIAL
5. INSULATION RESISTANCE: 100 MΩ AT 500VDC
6. OPERATING TEMPERATURE: -20°C TO +65°C [cURus]
-20°C TO +125°C [VDE]
7. CONTACT RATING: 16A, 125VAC-250VAC, [cURus]
16(8)A, 250VAC, 1E4 T125/55[VDE]
8. DIELECTRIC STRENGTH: 1000V FOR 1 MINUTE
9. ACTUATION FORCE: 500 +/- 200 g
10. TRAVEL: FULL TRAVEL: 5.0mm
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (RoHS) COMPLIANT.
24.00
[.945 in]
9.90
[.390 in]
1.70
[.067 in]
6.00
[.236 in]
SQ.


Similar Part No. - 14-PA5F6EJ

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-PA5F11C E-SWITCH-14-PA5F11C Datasheet
126Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
14-PA5F31J E-SWITCH-14-PA5F31J Datasheet
129Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
NEW RELEASE
14-PA5F32J E-SWITCH-14-PA5F32J Datasheet
121Kb / 1P
Housing change to locking tab
14-PA5FN11CV0 E-SWITCH-14-PA5FN11CV0 Datasheet
127Kb / 1P
Housing change to locking tab
More results

Similar Description - 14-PA5F6EJ

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-RVW41D1123 E-SWITCH-34-RVW41D1123 Datasheet
161Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0544P E-SWITCH-XF0544P Datasheet
32Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0232P E-SWITCH-XF0232P Datasheet
56Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0368P E-SWITCH-XF0368P Datasheet
57Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400016 E-SWITCH-M400016 Datasheet
38Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400018 E-SWITCH-M400018 Datasheet
39Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400026 E-SWITCH-M400026 Datasheet
40Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400035 E-SWITCH-M400035 Datasheet
41Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M197314 E-SWITCH-M197314 Datasheet
196Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M197300 E-SWITCH-M197300 Datasheet
116Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M197302 E-SWITCH-M197302 Datasheet
138Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com