Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5860 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 409-5860
Description  Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

409-5860 Datasheet(HTML) 5 Page - Tyco Electronics

  409-5860 Datasheet HTML 1Page - Tyco Electronics 409-5860 Datasheet HTML 2Page - Tyco Electronics 409-5860 Datasheet HTML 3Page - Tyco Electronics 409-5860 Datasheet HTML 4Page - Tyco Electronics 409-5860 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 9177
Die Assemblies 47378- 1, 48756- 1, and 48757- 1
5
of 5
Rev C
Tyco Electronics Corporation
7
8
9
11
10
6
5
3
4
12
2
1
10.54
[4.15]
10.26+0.08
[.404+.003]
Weight
: 964g[2lb, 2oz]
44.2
[1.74]
5.99
[2.36]
CUSTOMER REPLACEABLE PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER DIE
ASSEMBLY
1
307809--5
307809--6H
ANVIL
1
2
1--23030--6
SCREW, Skt Hd Cap, Slflkg, Patch Type
4
3
307810--5
307810--6H
INDENTER
1
4
45859--1
48882 Y
INSERT, Insulation
2
5
313291--1
313291--2H
ASSEMBLY, Pin--Key
2
6
2--22279--1
SPRING, Compression
2
7
313338--1
LOCATOR
1
8
7--59683--0
SPRING, Compression
2
9
1--22353--0
SCREW, Shldr, Slot Hd, 8--32
2
10
307333--2
BLOCK, Locator
1
11
3--21000--1
SCREW, Skt Hd Cap
2
12
306098--2
WASHER, Flat
4
H
For Die Assembly 48757--1 only.
Y
For Die Assembly 48756--1 only.
Figure 6


Similar Part No. - 409-5860

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
409-5862 MACOM-409-5862 Datasheet
146Kb / 6P
Read these instructions and referenced documents before crimping any splices
logo
TE Connectivity Ltd
409-5866 TEC-409-5866 Datasheet
252Kb / 11P
Audio/Microphone Connectors
More results

Similar Description - 409-5860

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
Crimping Die Assemblies
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
Crimping Die Assemblies
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com