Electronic Components Datasheet Search |
|
409-5860 Datasheet(PDF) 3 Page - Tyco Electronics |
|
|
409-5860 Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 5 page 408- 9177 Die Assemblies 47378- 1, 48756- 1, and 48757- 1 3 of 5 Rev C Tyco Electronics Corporation Figure 4 1 Wire must be fully inserted. 2 Correct color code and die combination must be used (terminal insulation color matches color code on dies). 3 Wire size used must be the same as the wire size embossed on terminal insulation and stamped on terminal tongue. 4 Crimp centered on wire barrel. 5 End of wire conductor is flush with, or extends beyond, end of terminal wire barrel. 6 Insulation barrel must contact wire insulation (AMPLI--BOND terminals contain wire insulation “grip” and PLASTI--GRIP terminals contain wire insulation “support”). Refer to Section 4. 7 Bellmouth must be visible. 2 5 1 3 4 5 4 6 4 4 7 7 Terminal Crimp Inspection Frequency of inspection depends on: 1. The care, amount of use, and handling of the die assembly. 2. The type and size of the product crimped. 3. The degree of operator skill. 4. The presence of abnormal amounts of dust and dirt. 5. Your own established standards. Each die assembly is thoroughly inspected before packaging. Since there is the possibility of damage during shipment, the die assembly should be inspected immediately upon arrival at your facility in accordance with Paragraph 5.3, Gaging the Crimping Chamber, and Figure 6. 5.1. Cleaning 1. Remove dust, moisture, and other contaminants with a clean brush, or a soft lint--free cloth. Do NOT use objects that could damage the dies. 2. Make certain the dies are protected with a THIN coat of any good SAE 20 motor oil. Do NOT oil excessively. 3. When the dies are not in use, mate and store them in a clean, dry area. 5.2. Visual Inspection 1. Check all bearing surfaces for wear. If parts are missing or defective, replace them by referring to Figure 6. 2. Inspect the crimp area for flattened, chipped, or broken areas. Although the crimping chamber may gage within permissible limits, worn or damaged die closure surfaces are objectionable and will affect the quality of the crimp. 5.3. Gaging the Wire Barrel Crimping Chamber This inspection requires the use of plug gages conforming to the dimensions shown in Figure 5. Tyco Electronics does not manufacture or market these gages. 1. Remove die assembly from crimping head. Refer to the instructions packaged with the crimping head. 2. Remove the socket head cap screws and the locator block from the moving die. 3. Remove oil and dirt from crimping surfaces and plug gage elements. 4. Mate the dies until they are bottomed, but not under pressure. 5. Using the suggested plug gage design, as shown in Figure 5, align the GO element with the wire barrel crimping chamber. Push the element straight into the crimping chamber without using force. The GO element must pass completely through the crimping chamber, as shown in Figure 5. 6. Align the NO--GO element and try to insert it into the same crimping chamber. The element may start entry, but will not pass completely through the crimping chamber. See Figure 5. If the crimping chamber conforms to the gage inspection, the die assembly is considered dimensionally correct and should be lubricated with a THIN coat of any good SAE 20 motor oil. If the crimping chamber does not conform to the plug gage dimensions, the dies must be repaired before returning them to service (refer to Section 6, REPLACEMENT AND REPAIR). For additional information concerning the use of the plug gage, refer to Instruction Sheet 408--7424. |
Similar Part No. - 409-5860 |
|
Similar Description - 409-5860 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |