Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4430.0022 Datasheet(PDF) 7 Page - Schurter Inc.

Part # 4430.0022
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4430.0022 Datasheet(HTML) 7 Page - Schurter Inc.

  4430.0022 Datasheet HTML 1Page - Schurter Inc. 4430.0022 Datasheet HTML 2Page - Schurter Inc. 4430.0022 Datasheet HTML 3Page - Schurter Inc. 4430.0022 Datasheet HTML 4Page - Schurter Inc. 4430.0022 Datasheet HTML 5Page - Schurter Inc. 4430.0022 Datasheet HTML 6Page - Schurter Inc. 4430.0022 Datasheet HTML 7Page - Schurter Inc. 4430.0022 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Thermal (T- and TA-Line)
TA45-2R
www.schurter.com /PG17_20
Circuit Breakers
Actuator colour
Configuration
key
Red transparent
3
Green transparent
4
Orange transparent
6
Black
B
Green
G
Red
R
White
W
Orange
X
Yellow
Y
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Legend
Legend
Configuration
key
embossed
F
white printed
H
black printed
K
white printed
L
black printed
M
white printed
I0
P
black printed
I0
R
white printed
S
black printed
T
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Rated current
Rated current
Configuration
key
without thermal overload protection / temporarily without VDE approval
C00
0.05 A
Z05
0.1 A
J01
0.2 A
J02
0.3 A
J03
0.4 A
J04
0.5 A
J05
0.6 A
J06
0.7 A
J07
0.8 A
J08
0.9 A
J09
1.0 A
J10
1.1 A
J11
Other rated currents on request
Rated current
Configuration
key
1.2 A
J12
1.3 A
J13
1.4 A
J14
1.5 A
J15
1.6 A
J16
1.7 A
J17
1.8 A
J18
1.9 A
J19
2.0 A
J20
2.1 A
J21
2.2 A
J22
2.3 A
J23
2.5 A
J25
2.8 A
J28
3.0 A
030
3.5 A
035
4.0 A
040
4.5 A
045
5.0 A
050
6.0 A
060
6.5 A
065
7.0 A
070
7.5 A
075
8.0 A
080
9.0 A
090
10.0 A
100
11.0 A
110
12.0 A
120
13.0 A
130
14.0 A
140
15.0 A
150
16.0 A
160
17.0 A
170
18.0 A
180
19.0 A
190
20.0 A
200
Other rated currents on request
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Release / lock-out latch
Release / lock-out latch
Configuration
key
whithout release / lock-out latch
C0
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Accessories
Factory mounted accessories
Configuration
key
Without cover
Collar with cover, IP54
AZM01
Raised collar with cover, IP54
AZM02
Raised collar, IP40
AZM03
For subsequent fitting accessories see:
http://www.schurter.ch/pdf/english/typ_TA45-ACC.pdf


Similar Part No. - 4430.0022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4430.0499 SCHURTER-4430.0499 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0519 SCHURTER-4430.0519 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0519 SCHURTER-4430.0519 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0685 SCHURTER-4430.0685 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0685 SCHURTER-4430.0685 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
More results

Similar Description - 4430.0022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com