Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4430.0022 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 4430.0022
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4430.0022 Datasheet(HTML) 6 Page - Schurter Inc.

  4430.0022 Datasheet HTML 1Page - Schurter Inc. 4430.0022 Datasheet HTML 2Page - Schurter Inc. 4430.0022 Datasheet HTML 3Page - Schurter Inc. 4430.0022 Datasheet HTML 4Page - Schurter Inc. 4430.0022 Datasheet HTML 5Page - Schurter Inc. 4430.0022 Datasheet HTML 6Page - Schurter Inc. 4430.0022 Datasheet HTML 7Page - Schurter Inc. 4430.0022 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Thermal (T- and TA-Line)
TA45-2R
www.schurter.com /PG17_20
Circuit Breakers
Basic function
Configuration
key
2-pole, rocker, flat connection, illuminated 220 V...240 V
A02
2-pole, rocker, flat connection, illuminated 110 V...120 V
A04
2-pole, rocker, flat connection, illuminated 220 V...26 V
A07
2-pole, rocker, flat connection, illuminated 10 V...13 V
A08
2-pole, rocker, flat connection, illuminated 4 V...7 V
A09
2-pole, rocker, 1pole overload protection, flat connection, illuminated 220
V...240 V
A12
2-pole, rocker, 1pole overload protection, flat connection, illuminated 110
V...120 V
A14
2-pole, rocker, 1pole overload protection, flat connection, illuminated 20
V...26 V
A17
2-pole, rocker, 1pole overload protection, flat connection, illuminated 10
V...13 V
A18
2-pole, rocker, 1pole overload protection, flat connection, illuminated 4
V...7 V
A19
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 220 V...240 V
A22
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 110 V...120 V
A24
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 20 V...26 V
A27
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 10 V...13 V
A28
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 4 V...7 V
A29
2-pole, rocker, 2pole overload protection, flat connection, illuminated 220
V...240 V
A32
2-pole, rocker, 2pole overload protection, flat connection, illuminated 110
V...120 V
A34
2-pole, rocker, 2pole overload protection, flat connection, illuminated 20
V...26 V
A37
2-pole, rocker, 2pole overload protection, flat connection, illuminated 10
V...13 V
A38
2-pole, rocker, 2pole overload protection, flat connection, illuminated 4
V...7 V
A39
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 220 V...240 V
A42
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 110 V...120 V
A44
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 20 V...26 V
A47
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 10 V...13 V
A48
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 4 V...7 V
A49
2-pole, rocker, screw connection, illuminated 220 V...240 V
A52
2-pole, rocker, screw connection, illuminated 110 V...120 V
A54
2-pole, rocker, screw connection, illuminated 20 V...26 V
A57
2-pole, rocker, screw connection, illuminated 10 V...13 V
A58
2-pole, rocker, screw connection, illuminated 4 V...7 V
A59
2-pole, rocker, 1pole overload protection, screw connection, illuminated
220 V...240 V
A62
2-pole, rocker, 1pole overload protection, screw connection, illuminated
110 V...120 V
A64
2-pole, rocker, 1pole overload protection, screw connection, illuminated
20 V...26 V
A67
2-pole, rocker, 1pole overload protection, screw connection, illuminated
10 V...13 V
A68
2-pole, rocker, 1pole overload protection, screw connection, illuminated 4
V...7 V
A69
2-pole, rocker, 1pole overload protection, shunt terminal, screw connection,
illuminated 220 V...240 V
A72
2-pole, rocker, 1pole overload protection, shunt terminal, screw connection,
illuminated 110 V...120 V
A74
2-pole, rocker, 1pole overload protection, shunt terminal, screw connection,
illuminated 20 V...26 V
A77
Basic function
Configuration
key
2-pole, rocker, 1pole overload protection, shunt terminal, screw connection,
illuminated 10 V...13 V
A78
2-pole, rocker, 1pole overload protection, shunt terminal, screw connection,
illuminated 4 V...7 V
A79
2-pole, rocker, 2pole overload protection, screw connection, illuminated
220 V...240 V
A82
2-pole, rocker, 2pole overload protection, screw connection, illuminated
110 V...120 V
A84
2-pole, rocker, 2pole overload protection, screw connection, illuminated
20 V...26 V
A87
2-pole, rocker, 2pole overload protection, screw connection, illuminated
10 V...13 V
A88
2-pole, rocker, 2pole overload protection, screw connection, illuminated 4
V...7 V
A89
2-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
illuminated 220 V...240 V
A92
2-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
illuminated 110 V...120 V
A94
2-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
illuminated 20 V...26 V
A97
2-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
illuminated 10 V...13 V
A98
2-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
illuminated 4 V...7 V
A99
2-pole, rocker, flat connection, without illumination
ABC
2-pole, rocker, 2pole overload protection, flat connection, without illumi-
nation
ABD
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
without illumination
ABF
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
without illumination
ABG
2-pole, rocker, 1pole overload protection, flat connection, without illumi-
nation
ABT
2-pole, rocker, flat connection, momentary switch, without illumination
AEC
2-pole, rocker, 2pole overload protection, flat connection, momentary
switch, without illumination
AED
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
momentary switch, without illumination
AEF
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
momentary switch, without illumination
AEG
2-pole, rocker, 1pole overload protection, flat connection, momentary
switch, without illumination
AET
2-pole, rocker, screw connection, without illumination
AHC
2-pole, rocker, 2pole overload protection, screw connection, without illu-
mination
AHD
2-pole, rocker, 1pole overload protection, shunt terminal, screw connection,
without illumination
AHF
2-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
without illumination
AHG
2-pole, rocker, 1pole overload protection, screw connection, without illu-
mination
AHT
2-pole, rocker, screw connection, momentary switch, without illumination
AJC
2-pole, rocker, 2pole overload protection, screw connection, momentary
switch, without illumination
AJD
2-pole, rocker, 1pole overload protection, shunt terminal, screw connection,
momentary switch, without illumination
AJF
2-pole, rocker, 2pole overload protection, shunt terminal, screw connection,
momentary switch, without illumination
AJG
2-pole, rocker, 1pole overload protection, screw connection, momentary
switch, without illumination
AJT
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Actuator colour
Actuator colour
Configuration
key
Clear transparent
1


Similar Part No. - 4430.0022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4430.0499 SCHURTER-4430.0499 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0519 SCHURTER-4430.0519 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0519 SCHURTER-4430.0519 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
4430.0685 SCHURTER-4430.0685 Datasheet
369Kb / 4P
   Accessories to TA45
09.12.2021
4430.0685 SCHURTER-4430.0685 Datasheet
284Kb / 3P
   Accessories to TA45
13.04.2022
More results

Similar Description - 4430.0022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com