Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4435.0050 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4435.0050
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0050 Datasheet(HTML) 1 Page - Schurter Inc.

  4435.0050 Datasheet HTML 1Page - Schurter Inc. 4435.0050 Datasheet HTML 2Page - Schurter Inc. 4435.0050 Datasheet HTML 3Page - Schurter Inc. 4435.0050 Datasheet HTML 4Page - Schurter Inc. 4435.0050 Datasheet HTML 5Page - Schurter Inc. 4435.0050 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Thermal (T- and TA-Line)
TA35 Rocker 3Pole
www.schurter.com /PG17_20
Circuit Breakers
Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
Description
- Thermal circuit breaker
- 3-pole
- Snap-in version
- Positively trip-free release
- Different rocker colours
- High configurability
- Wide current range
Standards
- Approval Reference Type: TA35
- IEC 60934
- UL 1077
- CSA C22.2 No. 235
- GB 17701
Applications
- Power tools
- Industrial appliances
- Equipment for construction
- Cleaning equipment
- Commercial and household kitchen appliances
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
Rated Voltage AC
415 Y / 240 V; 50/60 Hz
Rated current range AC
0.05 - 12 A
Conditional short circuit ca-
pacity
0.05...12 A: 2 kA @ 415 VAC
Degree of Protection
from front side IP 40 acc. to IEC 60529
Dielectric Strength
50 Hz: > 2.5 kV
Impulse 1.2/50
μs: > 4kV
Insulation resistance
500 VDC > 100 M
Ω
Endurance typical
mechanical: 50'000 switching cycles
AC: 1 x Ir, cos
φ 0.6:
50'000 switching cycles
DC: 1 x Ir, L/R = 2 - 3 ms:
50'000 switching cycles
Overload
IEC: min. 40 trips
@ 6 x Ir, cos
φ 0.6
UL / CSA: min. 50 trips
@ 1.5 x Ir, cos
φ 0.75
Ambient temperature
-30 °C to 60 °C
Vibration Resistance
± 0.75 mm @ 10 - 60 Hz
acc. to IEC 60068-2-6, test Tc
10 G @ 60 - 500 Hz
acc. to IEC 60068-2-6, test Tc
Shock Resistance
30 G / 18 ms
acc. to IEC 60068-2-27, test Ea
Tripping Type
Thermal
Actuation type
Rocker
Weight
43.0 - 45.0 g
Dimension
21.3
36
33.8
2.3
34
11
11 6.1
40.5
34.5
37.4
31.9
6.3 x 0.8 mm
L
37.5 +0.2
0
+0.3
Panel 1.0 − 4.0 mm


Similar Part No. - 4435.0050

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4435.0052 SCHURTER-4435.0052 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0053 SCHURTER-4435.0053 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0054 SCHURTER-4435.0054 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0056 SCHURTER-4435.0056 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results

Similar Description - 4435.0050

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com