Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4435.0050 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 4435.0050
Description  Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4435.0050 Datasheet(HTML) 4 Page - Schurter Inc.

  4435.0050 Datasheet HTML 1Page - Schurter Inc. 4435.0050 Datasheet HTML 2Page - Schurter Inc. 4435.0050 Datasheet HTML 3Page - Schurter Inc. 4435.0050 Datasheet HTML 4Page - Schurter Inc. 4435.0050 Datasheet HTML 5Page - Schurter Inc. 4435.0050 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Thermal (T- and TA-Line)
TA35 Rocker 3Pole
www.schurter.com /PG17_20
Circuit Breakers
Time-Current-Curves
TA35
<3A (TC-1, TC-2)
1, 2 pole
3 pole
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[sec ]
[min]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
Multiple of Rated Current In
Reference Temperature +23°
>3-20A (TC-1,TC-2)
(3 pole
max. 12A)
1, 2, 3 pole
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[sec]
[min]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
TA35
Multiple of Rated Current In
Reference Temperature +23°
Config. Code
TA35
|-|CBD|B|F|120|C0|-|CZMXX|
The characters are placeholders for the correspondingly keys of selections from the key tables.
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Basic function
Basic function
Configuration
key
3-pole, 3 bimetal, illuminated 415 V
CD1
3-pole, whithout bimetal, illuminated 415 V
CK1
3-pole, whithout bimetal, without illumination
CKC
3-pole, 3 bimetal, without illumination
CKD
3-pole, whithout bimetal, momentary switch, without illumination
CLC
3-pole, 3 bimetal, momentary switch, without illumination
CLD
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Rocker colour
Rocker colour
Configuration
key
Clear transparent
1
Red transparent
3
Green transparent
4
Orange transparent
6
Blue transparent
7
Black
B
Green
G
Red
R
White
W
Orange
X
Yellow
Y
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Legend
Legend
Configuration
key
embossed
F
white printed
H
black printed
K
white printed
L
black printed
M
TA35
|-|CBD|B|F|120|C0|-|CZMXX| = Rated current
Rated current
Configuration
key
without thermal overload protection / temporarily without VDE approval
C00
0.05 A
Z05
0.1 A
J01
0.2 A
J02
0.3 A
J03
0.4 A
J04
0.5 A
J05
Other rated currents on request


Similar Part No. - 4435.0050

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4435.0052 SCHURTER-4435.0052 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0053 SCHURTER-4435.0053 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0054 SCHURTER-4435.0054 Datasheet
291Kb / 3P
   Screw-on collar with cover, IP65
09.12.2021
4435.0056 SCHURTER-4435.0056 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results

Similar Description - 4435.0050

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com