Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5842 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 409-5842
Description  Audio/Microphone Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-5842 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  409-5842 Datasheet HTML 1Page - TE Connectivity Ltd 409-5842 Datasheet HTML 2Page - TE Connectivity Ltd 409-5842 Datasheet HTML 3Page - TE Connectivity Ltd 409-5842 Datasheet HTML 4Page - TE Connectivity Ltd 409-5842 Datasheet HTML 5Page - TE Connectivity Ltd 409-5842 Datasheet HTML 6Page - TE Connectivity Ltd 409-5842 Datasheet HTML 7Page - TE Connectivity Ltd 409-5842 Datasheet HTML 8Page - TE Connectivity Ltd 409-5842 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Application Specification
114--10011
LOC B
1
of 11
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks.
*Trademark. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
Audio/Microphone Connectors
18 Mar 11 Rev C
All numerical values are in metric units [with U.S. customary units in brackets]. Dimensions are in millimeters [and
inches]. Unless otherwise specified, dimensions have a tolerance of +0.13 [+.005] and angles have a tolerance of +2_.
Figures and illustrations are for identification only and are not drawn to scale.
1. INTRODUCTION
This specification covers the requirements for the application of Audio/Microphone Connectors. The connectors
are designed to accept a wire size range of 18 through 28 AWG and are available in 4, 5, or 6 position. The
receptacle connector is panel mounted. Application may be done by machine for reel--mounted contacts and
by hand for replacement loose piece contacts.
‘When corresponding with TE Personnel, use the terminology provided on this specification to help facilitate
your inquiry for information. Basic terms and features of components are provided in Figure 1.
Figure 1
Socket Contact
Pin Contact
6--Position Receptacle
Housing (Typ)
Mounting Fins
Locking Tab
Entry Slot
Antirotation
Key
Locking Collar
Polarizing
Groove
Front (Ref)
Engagement
Groove
Plug Insert
Alignment
Groove
Locking Latch
Numbered
Contact
Cavities
Strain Relief
Collets
Polarizing Rib
(On Mating Face)
Latch Slot
Detent
Plug Body
Flexible Cable Guard
Locking Tab
NOTE
i


Similar Part No. - 409-5842

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
409-5822 TEC-409-5822 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
409-5860 MACOM-409-5860 Datasheet
142Kb / 5P
   Crimping Die Assemblies
409-5862 MACOM-409-5862 Datasheet
146Kb / 6P
   Read these instructions and referenced documents before crimping any splices
More results

Similar Description - 409-5842

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91-PC4F ETC2-91-PC4F Datasheet
162Kb / 2P
   microphone connectors
logo
Tyco Electronics
207314-1 MACOM-207314-1 Datasheet
32Kb / 1P
   HOUSING, CORD GUARD, AUDIO MICROPHONE
logo
STMicroelectronics
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
   Microphone Array ASR-assist Audio Processor
Revision 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com