Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5842 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 409-5842
Description  Audio/Microphone Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-5842 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  409-5842 Datasheet HTML 1Page - TE Connectivity Ltd 409-5842 Datasheet HTML 2Page - TE Connectivity Ltd 409-5842 Datasheet HTML 3Page - TE Connectivity Ltd 409-5842 Datasheet HTML 4Page - TE Connectivity Ltd 409-5842 Datasheet HTML 5Page - TE Connectivity Ltd 409-5842 Datasheet HTML 6Page - TE Connectivity Ltd 409-5842 Datasheet HTML 7Page - TE Connectivity Ltd 409-5842 Datasheet HTML 8Page - TE Connectivity Ltd 409-5842 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
114- 10011
Rev C
3
of 11
Alkalies
Ammonia
Citrates
Phosphates Citrates
Sulfur Compounds
Amines
Carbonates
Nitrites
Sulfur Nitrites
Tartrates
D. Ultraviolet Light
Prolonged exposure to ultraviolet light may deteriorate the chemical composition used in the housings.
3.2. Special Characteristics
These Audio/Microphone connectors include a panel mounted receptacle connector and a free--hanging plug
connector. The receptacle connector consists of a receptacle housing and the specified number of socket
contacts. The housing features a locking collar, two locking tab entry slots, an antirotation key, and four
mounting fins.
The plug connector consist of a plug insert, a plug body, and the specified number of pin contacts. The insert
features two cable strain relief collets, a locking latch, an alignment groove, and an engagement groove. The
body features two locking tabs, a latch slot, a detent, and a flexible cable guard.
Each receptacle has a polarizing groove and each plug insert has a polarizing rib to ensure proper mating.
Contact cavities are numbered on the BACK of each connector to provide circuit identification. See Figure 1.
3.3. Panel Mounting Requirements
Audio/Microphone Connectors are designed for a combination of free--hanging and rear panel mount
application. For dimensions and layout design, refer to Figure 2.
Figure 2
17.78
[.700]
1.02 [.040]
3.18 [.125]
Panel Thickness
1.47--1.78
[.058--.070]
3.4. Wire Selection and Preparation
A. Type
The wire size range for Audio/Microphone Connectors is 18 through 28 AWG and may be solid or
stranded.
Contacts which accept a wire size range of 18--20 AWG are special large conductor contacts which only fit into
customer--supplied audio/microphone connectors.
B. Preparation
Prior to stripping the discrete wires, remove 20.65 mm [.813 in.] of the cable jacket.
NOTE
i
NOTE
i


Similar Part No. - 409-5842

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
409-5822 TEC-409-5822 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
409-5860 MACOM-409-5860 Datasheet
142Kb / 5P
   Crimping Die Assemblies
409-5862 MACOM-409-5862 Datasheet
146Kb / 6P
   Read these instructions and referenced documents before crimping any splices
More results

Similar Description - 409-5842

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91-PC4F ETC2-91-PC4F Datasheet
162Kb / 2P
   microphone connectors
logo
Tyco Electronics
207314-1 MACOM-207314-1 Datasheet
32Kb / 1P
   HOUSING, CORD GUARD, AUDIO MICROPHONE
logo
STMicroelectronics
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
   Microphone Array ASR-assist Audio Processor
Revision 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com