Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5626 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 409-5626
Description  AUGAT HOLTITE Sockets
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-5626 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  409-5626 Datasheet HTML 1Page - TE Connectivity Ltd 409-5626 Datasheet HTML 2Page - TE Connectivity Ltd 409-5626 Datasheet HTML 3Page - TE Connectivity Ltd 409-5626 Datasheet HTML 4Page - TE Connectivity Ltd 409-5626 Datasheet HTML 5Page - TE Connectivity Ltd 409-5626 Datasheet HTML 6Page - TE Connectivity Ltd 409-5626 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
114- 13033
Rev B
6
of 7
S
Power Units
A power unit is an automatic or semi--automatic device used to assist in the application of a product.
Power unit includes the power source used to supply the force or power to an applicator.
S
Flat- Rock Tooling
Flat--rock press--in tooling may be used for mass insertion of the sockets into the plated--through holes
on the pc board. Removable carrier strips on 2.54 mm [.100 in.] centerlines may be used with this type
of mass insertion. Flat--rock press--in tooling is customer designed.
S
Vibratory/Vacuum System
Commercially available, fully automatic mass loading machines which will accommodate a
vibratory/vacuum system may be used for application of this product. The assembly table (1437513--1)
and backup board (1437513--3) may be used in conjunction with the mass loading machine.
Figure 7
PC Board Support Fixture
(Customer Supplied)
SM--3 Machine
814700--[ ]
(409--5626)
Spring Loaded Hand Tool
5--1437514--3, 5--1437514--5,
5--1437514--7
Pneumatic Hand
Tool System
5--1437514--8
Typical Pneumatic
Arbor
Frame Assembly
91112--3
Typical Manual Arbor
Frame Assemblies
58024--1, 91085--2


Similar Part No. - 409-5626

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
409-5626 TEC-409-5626 Datasheet
338Kb / 14P
Single Connector Attachments
More results

Similar Description - 409-5626

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437506-0 MACOM-2-1437506-0 Datasheet
182Kb / 1P
HOLTITE CONTACTS
2-1437506-4 MACOM-2-1437506-4 Datasheet
182Kb / 1P
HOLTITE CONTACTS
2-1437514-0 MACOM-2-1437514-0 Datasheet
32Kb / 1P
ASSEMBLY, HOLTITE, REELED
2-1437514-5 MACOM-2-1437514-5 Datasheet
266Kb / 5P
AUGAT* HOLTITE* Sockets
2-1437514-6 MACOM-2-1437514-6 Datasheet
266Kb / 5P
AUGAT* HOLTITE* Sockets
2-1437514-8 MACOM-2-1437514-8 Datasheet
266Kb / 5P
AUGAT* HOLTITE* Sockets
2-1437514-9 MACOM-2-1437514-9 Datasheet
266Kb / 5P
AUGAT* HOLTITE* Sockets
2-1437542-2 MACOM-2-1437542-2 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-7 MACOM-2-1437542-7 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-9 MACOM-2-1437542-9 Datasheet
586Kb / 3P
700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com