Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-5626 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 409-5626
Description  AUGAT HOLTITE Sockets
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-5626 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  409-5626 Datasheet HTML 1Page - TE Connectivity Ltd 409-5626 Datasheet HTML 2Page - TE Connectivity Ltd 409-5626 Datasheet HTML 3Page - TE Connectivity Ltd 409-5626 Datasheet HTML 4Page - TE Connectivity Ltd 409-5626 Datasheet HTML 5Page - TE Connectivity Ltd 409-5626 Datasheet HTML 6Page - TE Connectivity Ltd 409-5626 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
114- 13033
Rev B
2
of 7
2.3. Drawings
Customer Drawings for specific products are available from the service network. The information contained in
Customer Drawings takes priority if there is a conflict with this specification or with any other technical
documentation supplied by TE.
2.4. Specifications
Product specification 108--1979 provides product performance requirements and test information.
2.5. Instructional Material
The following list includes available instruction sheets (408--series) that provide assembly procedures for
operation, maintenance and repair of tooling; and customer manuals (409--series) that provide setup,
operation, and maintenance of machines.
Document Number
Document Title
408--3295
Preparing Reel of Contacts for Application Tooling
408--6732
Pneumatic Auto--Cycle Unit 91112--3
408--6923
Manual Arbor Frame Assembly 58024--1
408--7777
Manual Arbor Frame Assembly 91085--2
408--9816
Handling of Reeled Products
409--5626
SM--3 Machine No. 814700--[ ]
3. REQUIREMENTS
3.1. Storage
A. Ultraviolet Light
Prolonged exposure to ultraviolet light may deteriorate the chemical composition used in the socket.
B. Shelf Life
The sockets should remain in the shipping containers until ready for use to prevent deformation to the
sockets. The sockets should be used on a first in, first out basis to avoid storage contamination that could
adversely affect signal transmissions.
C. Chemical Exposure
Do not store sockets near any chemicals listed below, as stress corrosion cracking in the sockets may
occur.
Alkalies
Ammonia
Citrates
Phosphates Citrates
Sulfur Compounds
Amines
Carbonates
Nitrites
Sulfur Nitrites
Tartrates
3.2. Material
All sockets are made of beryllium--copper with gold, tin/lead, or tin plating.
3.3. PC Boards
A. Material and Thickness
1. Board material will be glass epoxy (FR--4, G--10).
2. Board thickness shall be 0.75 mm [.030 in.] minimum for all socket sizes except for 12P which is used
in a 1.27 mm [.050 in.] minimum thick pc board.
Contact the Product Information number listed at the bottom of page 1 for suitability of other board
materials or thicknesses.
B. PC Board Hole Dimensions
The socket holes in the pc board must be precisely drilled to ensure proper placement and optimum
performance of the socket. The drilled holes must be on 2.54 mm [.100 in.] centerlines (minimum). The
dimensions provided in Figure 2 must be observed when preparing a pc board for AUGAT HOLTITE
Sockets.


Similar Part No. - 409-5626

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
409-5626 TEC-409-5626 Datasheet
338Kb / 14P
   Single Connector Attachments
More results

Similar Description - 409-5626

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437514-5 MACOM-2-1437514-5 Datasheet
266Kb / 5P
   AUGAT* HOLTITE* Sockets
2-1437514-9 MACOM-2-1437514-9 Datasheet
266Kb / 5P
   AUGAT* HOLTITE* Sockets
2-1437514-8 MACOM-2-1437514-8 Datasheet
266Kb / 5P
   AUGAT* HOLTITE* Sockets
2-1437514-6 MACOM-2-1437514-6 Datasheet
266Kb / 5P
   AUGAT* HOLTITE* Sockets
2-1437542-7 MACOM-2-1437542-7 Datasheet
586Kb / 3P
   700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-9 MACOM-2-1437542-9 Datasheet
586Kb / 3P
   700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437542-2 MACOM-2-1437542-2 Datasheet
586Kb / 3P
   700 SERIES AUGAT DIP SOCKETS, DISPOSABLE CARRIER
2-1437506-4 MACOM-2-1437506-4 Datasheet
182Kb / 1P
   HOLTITE CONTACTS
2-1437506-0 MACOM-2-1437506-0 Datasheet
182Kb / 1P
   HOLTITE CONTACTS
2-1437514-0 MACOM-2-1437514-0 Datasheet
32Kb / 1P
   ASSEMBLY, HOLTITE, REELED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com