Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USF1206 Datasheet(PDF) 3 Page - Schurter Inc.

Part # USF1206
Description  Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

USF1206 Datasheet(HTML) 3 Page - Schurter Inc.

  USF1206_16 Datasheet HTML 1Page - Schurter Inc. USF1206_16 Datasheet HTML 2Page - Schurter Inc. USF1206_16 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
USF 1206
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Marking Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t 8.0
In typ. [A²s]
Order Number
2
32
63
N
2)
70
30
0.13
l
3413.0119.26
2.5
32
63
O
2)
70
25
0.35
l
3413.0120.11
2.5
32
63
O
2)
70
25
0.35
l
3413.0120.22
2.5
32
63
O
2)
70
25
0.35
l
3413.0120.24
2.5
32
63
O
2)
70
25
0.35
l
3413.0120.26
3
32
63
P
2)
70
20
0.8
l
3413.0121.11
3
32
63
P
2)
70
20
0.8
l
3413.0121.22
3
32
63
P
2)
70
20
0.8
l
3413.0121.24
3
32
63
P
2)
70
20
0.8
l
3413.0121.26
4
32
63
S
2)
60
13
0.3
l
3413.0123.11
4
32
63
S
2)
60
13
0.3
l
3413.0123.22
4
32
63
S
2)
60
13
0.3
l
3413.0123.24
4
32
63
S
2)
60
13
0.3
l
3413.0123.26
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) UL: 50 A @ 125 VAC/DC
2) UL: 50 A @ 32 VAC / 50 A @ 63 VDC
1) + 2) Additional internal testing: 150 A @ 24 VAC/DC, 400 A @ 12 VDC, 600 A @ 9 VDC
Packaging Unit
.xx = .11 Blister Tape of 100 pcs. in Plastic Bag
.xx = .22 Blister Tape 18 cm Reel (1000 pcs.)
.xx = .24 Blister Tape 25.4 cm Reel (5000 pcs.)
.xx = .26 Blister Tape 33 cm Reel (15000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - USF1206_16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
More results

Similar Description - USF1206_16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603_16 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
USFF1206 SCHURTER-USFF1206_18 Datasheet
409Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USI1206 SCHURTER-USI1206_16 Datasheet
327Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_16 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com