Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USF1206 Datasheet(PDF) 1 Page - Schurter Inc.

Part # USF1206
Description  Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

USF1206 Datasheet(HTML) 1 Page - Schurter Inc.

  USF1206_16 Datasheet HTML 1Page - Schurter Inc. USF1206_16 Datasheet HTML 2Page - Schurter Inc. USF1206_16 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Non resettable fuses
USF 1206
www.schurter.com /PG01_2
Fuses
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
Exemplary part photo depending on
part no.
UL 248-14 · 125VAC · 125VDC · Super-Quick-Acting FF
Description
- UL characteristic
- Low melting I²t-values, fast interruption
- Impermeable to potting compound
Standards
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- UL File Number: E41599
Applications
- Secondary Protection DC and AC
- Circuits without inrush
- Semiconductor protection
References
Packaging Details
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
32 - 125 VAC, 63 - 125 VDC
Rated current
0.375 - 4 A
Breaking Capacity
50 A
Characteristic
Super-Quick-Acting FF
Mounting
PCB,SMT
Admissible Ambient Air Temp. -55 °C to 90 °C
Climatic Category
55/090/21 acc. to IEC 60068-1
Material: Housing
Epoxyd Glass, UL 94V-0
Material: Terminals
Copper, Ni/Au-plated
Unit Weight
0.006 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Letter (see variants)
Soldering Methods
Reflow
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 +0/-5 °C / 30 sec acc. to IPC/JE-
DEC J-STD-020D, Level 1
Moisture Resistance Test
MIL-STD-202, Method 106E
(50 cycles in a temp./mister chamber)
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
min. UL 94V-1
(acc. to EIA/IS-722, Test 4.12)
Dimension
3.2 mm
1.6
3.2
2.2
Reflow soldering pads
1.5
1.1
Pre-Arcing Time
Rated Current In
1.0 x In min.
2.0 x In max.
0.375 A - 4 A
4 h
60 s


Similar Part No. - USF1206_16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
More results

Similar Description - USF1206_16

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603_16 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
USFF1206 SCHURTER-USFF1206_18 Datasheet
409Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USI1206 SCHURTER-USI1206_16 Datasheet
327Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_16 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com