Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL904XXX Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # PL904XXX
Description  a small form-factor, high performance, programmable device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL904XXX Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button PL904XXX Datasheet HTML 7Page - Micrel Semiconductor PL904XXX Datasheet HTML 8Page - Micrel Semiconductor PL904XXX Datasheet HTML 9Page - Micrel Semiconductor PL904XXX Datasheet HTML 10Page - Micrel Semiconductor PL904XXX Datasheet HTML 11Page - Micrel Semiconductor PL904XXX Datasheet HTML 12Page - Micrel Semiconductor PL904XXX Datasheet HTML 13Page - Micrel Semiconductor PL904XXX Datasheet HTML 14Page - Micrel Semiconductor PL904XXX Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
PL904xxx
September 11, 2015
13
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
Example 156.25MHz input test clock with bad phase jitter cause by a 3MHz spur.
156.25MHz with 1.4psRMS of phase jitter for 12kHz to 20MHz integration range
Output clock from PL904xxx.
156.25MHz with 273fsRMS of phase jitter for 12kHz to 20MHz integration range
The 3MHz spur is attenuated by 20dB, resulting in a phase jitter reduction from 1.4ps to 0.27ps.


Similar Part No. - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
PL902xxxUSYTR MICREL-PL902xxxUSYTR Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
More results

Similar Description - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
Combine Small Form Factor with High Performance
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com