Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL904XXX Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # PL904XXX
Description  a small form-factor, high performance, programmable device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL904XXX Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button PL904XXX Datasheet HTML 7Page - Micrel Semiconductor PL904XXX Datasheet HTML 8Page - Micrel Semiconductor PL904XXX Datasheet HTML 9Page - Micrel Semiconductor PL904XXX Datasheet HTML 10Page - Micrel Semiconductor PL904XXX Datasheet HTML 11Page - Micrel Semiconductor PL904XXX Datasheet HTML 12Page - Micrel Semiconductor PL904XXX Datasheet HTML 13Page - Micrel Semiconductor PL904XXX Datasheet HTML 14Page - Micrel Semiconductor PL904XXX Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Micrel, Inc.
PL904xxx
September 11, 2015
11
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
Jitter Attenuation Performance
The jitter attenuating frequency response was measured at 156.25MHz.
-30
-20
-10
0
10
1.E+03
1.E+04
1.E+05
1.E+06
Jitter / Modulation Frequency (Hz)
The jitter attenuation works like a low-pass filter for frequency modulated signals or noise. The bandwidth for this low-pass
filter is 500kHz with a 12dB/octave slope above 500kHz. At about 5MHz the noise floor of this measurement is reached
but in reality, the attenuation continues with the 12dB/octave slope.


Similar Part No. - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
PL902xxxUSYTR MICREL-PL902xxxUSYTR Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
More results

Similar Description - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
   Combine Small Form Factor with High Performance
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
   High-gain in a small form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com