Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL904XXX Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL904XXX
Description  a small form-factor, high performance, programmable device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL904XXX Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL904XXX Datasheet HTML 1Page - Micrel Semiconductor PL904XXX Datasheet HTML 2Page - Micrel Semiconductor PL904XXX Datasheet HTML 3Page - Micrel Semiconductor PL904XXX Datasheet HTML 4Page - Micrel Semiconductor PL904XXX Datasheet HTML 5Page - Micrel Semiconductor PL904XXX Datasheet HTML 6Page - Micrel Semiconductor PL904XXX Datasheet HTML 7Page - Micrel Semiconductor PL904XXX Datasheet HTML 8Page - Micrel Semiconductor PL904XXX Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PL904xxx
Revision 1.0
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 11, 2015
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
General Description
The
PL904xxx
series
is
a
small
form-factor,
high
performance, programmable device and a member of
Micrel’s
JitterBlocker
factory
programmable
jitter
attenuators.
The
JitterBlocker
product
family
cleans
deterministic jitter by attenuating spurious components in
the phase noise, thereby improving the phase jitter and the
overall phase noise. The PL904xxx is capable of reducing
multiple pico seconds of phase jitter in a clock to a level
below 0.5psRMS in most cases, making that clock usable
for many more applications.
The PL904xxx operates on a single 2.5V or 3.3V supply
and is housed in a small QFN package for a broad range
of applications.
Input clock frequencies up to 250MHz can be filtered and
frequency translation allows for output clock frequencies
up to 850MHz. The input clock can be single-ended or
differential.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Block Diagram
Features
• Input frequency up to 250MHz
• Output frequency up to 850MHz
• Programmable input type, differential or single-ended
• Up to two outputs with LVPECL, LVDS, HCSL, or
LVCMOS logic types
• Output enable control for each output
• Jitter attenuation of 20db at 3MHz spur frequency
• Cleans up spurs to below 0.5ps
RMS phase jitter
• Operating temperature range from –40°C to 85°C
• Available in 32-pin QFN GREEN/RoHS-compliant
package
• Related devices:
− PL902: LVCMOS, Period Jitter cleaning
− PL903: Single ended input, one differential output,
Phase Noise cleaning
Applications
• 1/10/40/100 Gigabit Ethernet (GbE)
• SONET/SDH
• PCI Express
• CPRI/OBSAI wireless base stations
• Fibre Channel
• SAS/SATA
• DIMM


Similar Part No. - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
PL902xxxUSYTR MICREL-PL902xxxUSYTR Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
More results

Similar Description - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
Combine Small Form Factor with High Performance
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com