Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2886X Datasheet(PDF) 3 Page - OSRAM GmbH

Part # 2886X
Description  Original spare parts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

2886X Datasheet(HTML) 3 Page - OSRAM GmbH

  2886X Datasheet HTML 1Page - OSRAM GmbH 2886X Datasheet HTML 2Page - OSRAM GmbH 2886X Datasheet HTML 3Page - OSRAM GmbH 2886X Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Order reference
2886X
Country specific information
Product code
METEL code
SEG-No.
STK-Number
UK Org
4008321094667
OSRA2886X
-
-
-
Product datasheet
__
December 14, 2016, 04:25:55
© 2016, OSRAM GmbH. All rights reserved.
2886X
Page 3 of 4


Similar Part No. - 2886X

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2886 POMONA-2886 Datasheet
24Kb / 1P
Breakout: BNC (Male) To Minigator Test Clips
logo
KR Electronics, Inc.
2886 KR-2886 Datasheet
35Kb / 2P
110 MHz Cutoff Frequency
logo
Adafruit Industries
2886 ADAFRUIT-2886 Datasheet
167Kb / 2P
Feather Header Kit - 12-pin and 16-pin Female Header Set
1/15/2016
logo
Multicomp Pro
2886 MULTICOMP-2886 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
Weller Tools
2886E WELLER-2886E Datasheet
1Mb / 2P
Side cutter - tapered head
More results

Similar Description - 2886X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS-201 ETC2-WS-201 Datasheet
576Kb / 2P
Maintain with a minimum of spare parts and tools
logo
OSRAM GmbH
2351MFX61W1 OSRAM-2351MFX61W1 Datasheet
132Kb / 4P
Original spare parts
3156 OSRAM-3156 Datasheet
127Kb / 4P
Original spare parts
64185W12VSV8 OSRAM-64185W12VSV8 Datasheet
124Kb / 4P
Original spare parts
6413621W12VB OSRAM-6413621W12VB Datasheet
122Kb / 4P
Original spare parts
6415055W12VP OSRAM-6415055W12VP Datasheet
132Kb / 4P
Original spare parts
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
Original spare parts
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
Original spare parts
CLKH424V OSRAM-CLKH424V Datasheet
111Kb / 3P
Original spare parts
logo
PHOENIX CONTACT
QUICK-WIREFOX-16-EM PHOENIX-QUICK-WIREFOX-16-EM Datasheet
49Kb / 2P
Spare knife
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com