Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3208 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HSDL3208
Description  Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3208 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HSDL3208 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Appendix C : General Application
Guide for the HSDL-3208 Infrared
IrDA® Compliant 115.2 kb/s
Transceiver
Description
The HSDL-3208 is an ultra-small
low-cost infrared transceiver
module that provides the interface
between logic and infrared (IR)
signals for through air, serial,
half-duplex IR data link. The
device is designed to address the
mobile computing market such as
PDAs, as well as small embedded
mobile products such as digital
cameras and cellular phones. It is
fully compliant to IrDA 1.4 low
Minimum Peak Pulse
Recommended R1
VCC
Intensity
LED Current
2.7
3.3 V
9 mW/Sr
50 mA
Figure 19: IR layout in mobile phone platform.
power specification from 9.6 kb/s
to 115.2 kb/s, and supports HP-
SIR and TV Remote modes. The
design of the HSDL-3208 also
includes the following unique
features:
• Low passive component count
• Shutdown mode for low power
consumption requirement
Selection of Resistor R1
Resistor R1 should be selected to
provide the appropriate peak
pulse LED current over different
ranges of VCC as shown in the
table below.
TRANSCEIVER
MOD/
DE-MODULATOR
SPEAKER
RF INTERFACE
AUDIO INTERFACE
USER INTERFACE
MICROCONTROLLER
DSP CORE
ASIC
CONTROLLER
IR
MICROPHONE
HSDL-3208
Interface to Recommended I/O Chips
The HSDL-3208’s TXD data input
is buffered to allow for CMOS
drive levels. No peaking circuit or
capacitor is required.
Data rate from 9.6 kb/s up to
115.2 kb/s is available at the RXD
pin.
The diagram below shows how
the IR port fits into the mobile
phone platform and PDA
platform.


Similar Part No. - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com