Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3208 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSDL3208
Description  Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3208 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSDL3208 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Top View
Figure 18. PCB layout suggestion.
Appendix B: PCB Layout Suggestion
The HSDL-3208 is a shieldless part
and hence does not contain a shield
trace, unlike the other transceivers.
The following PCB layout guide-
lines should be followed to obtain a
good PSRR and EM immunity,
resulting in good electrical
performance. Things to note:
1. The AGND pin should be
connected to the ground plane.
2. C1 and C2 are optional supply
filter capacitors; they may be left
out if a clean power supply is
used.
3. VLED can be connected to either
unfiltered or unregulated power
supply. If VLED and VCC share
the same power supply and C1 is
used, the connection should be
before the current limiting
resistor R2. In a noisy environ-
ment, including capacitor C2 can
enhance supply rejection. C1 is
generally a ceramic capacitor of
low inductance providing a wide
frequency response while C2 is a
tantalum capacitor of big volume
and fast frequency response. The
use of a tantalum capacitor is
more critical on the VLED line,
which carries a high current.
4. Preferably a multi-layered board
should be used to provide
sufficient ground plane. Use the
layer underneath and near the
transceiver module as VCC, and
sandwich that layer between
ground connected board layers.
Refer to the diagram below for
an example of a 4-layer board.
The area underneath the module at
the second layer, and 3 cm in all
directions around the module, is
defined as the critical ground plane
zone. The ground plane should be
maximized in this zone. Refer to
application note AN1114 or the
Agilent IrDA Data Link Design
Guide
for details. The layout below
is based on a 2-layer PCB.
Bottom View
TOP LAYER
CONNECT THE METAL SHIELD AND MODULE
GROUND PIN TO BOTTOM GROUND LAYER.
LAYER 2
CRITICAL GROUND PLANE ZONE. DO NOT
CONNECT DIRECTLY TO THE MODULE
GROUND PIN.
LAYER 3
KEEP DATA BUS AWAY FROM CRITICAL
GROUND PLANE ZONE.
BOTTOM LAYER (GND)


Similar Part No. - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
   Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com