Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3208 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSDL3208
Description  Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3208 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSDL3208 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
1.0 Solder Pad, Mask and Metal
Stencil Aperture
Figure 14. Stencil and PCBA.
1.1 Recommended Land Pattern
Figure 15. Stencil and PCBA.
METAL STENCIL
FOR SOLDER PASTE
PRINTING
LAND
PATTERN
PCBA
STENCIL
APERTURE
SOLDER
MASK
Appendix A : SMT Assembly Application Note
0.60
1.75
0.10
0.95
1.9
CL
MOUNTING
CENTER
FIDUCIAL
0.775
2.85
UNIT: mm


Similar Part No. - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com