Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3208 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL3208
Description  Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3208 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL3208 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3208 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Agilent HSDL-3208
Ultra Small Profile Package
IrDA® Data Compliant Low Power
115.2 kbit/s Infrared Transceiver
Data Sheet
Description
The HSDL-3208 is an ultra-small
low cost infrared transceiver
module that provides the interface
between logic and infrared (IR)
signals for through air, serial, half-
duplex IR data link. The module is
compliant to IrDA Physical Layer
Specifications version 1.4 Low
Power from 9.6 kbit/s to 115.2
kbit/s with extended link distance
and it is IEC 825-Class 1 eye safe.
Features
• Fully compliant to IrDA 1.4 low power
specification from 9.6 kbit/s to
115.2 kbit/s
• Miniature package
– Height: 1.60 mm
– Width: 7.00 mm
– Depth: 2.8 mm
• Guaranteed temperature performance,
-25 to +85
°C
– Critical parameters are
guaranteed over temperature
and supply voltage
• Low power consumption
– Low shutdown current (1 nA typical)
– Complete shutdown of TXD, RXD,
and PIN diode
• Withstands >100 mVp-p power supply
ripple typically
• Excellent EMI performance without
shield
•VCC supply 2.7 to 3.6 volts
• LED stuck-high protection
• Designed to accommodate light loss
with cosmetic windows
• IEC 825-class 1 eye safe
Applications
• IRFM
• Mobile telecom
– Cellular phones
– Pagers
– Smart phones
• Data communication
– PDAs
– Portable printers
• Digital imaging
– Digital cameras
– Photo-imaging printers
The HSDL-3208 can be shut
down completely to achieve very
low power consumption. In the
shutdown mode, the PIN diode
will be inactive and thus produc-
ing very little photocurrent even
under very bright ambient light.
Such features are ideal for bat-
tery operated handheld products.
Figure 1. Functional block diagram of HSDL-3208.
Figure 2. Rear view diagram with pinout.
76
5
4
3
2
1
VCC
TRANSMITTER
HSDL-3208
CX1
SD (5)
CX2
RXD (4)
VCC (6)
GND (7)
VCC
R1
TXD (3)
LED C (2)
LED A (1)


Similar Part No. - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL3208

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3208 LITEON-HSDL-3208 Datasheet
465Kb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-025 LITEON-HSDL-3208-025 Datasheet
1Mb / 23P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3208-S21 LITEON-HSDL-3208-S21 Datasheet
488Kb / 22P
Ultra Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com