Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 11Page - Texas Instruments TMP411-Q1 Datasheet HTML 12Page - Texas Instruments TMP411-Q1 Datasheet HTML 13Page - Texas Instruments TMP411-Q1 Datasheet HTML 14Page - Texas Instruments TMP411-Q1 Datasheet HTML 15Page - Texas Instruments TMP411-Q1 Datasheet HTML 16Page - Texas Instruments TMP411-Q1 Datasheet HTML 17Page - Texas Instruments TMP411-Q1 Datasheet HTML 18Page - Texas Instruments TMP411-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
15
SOFTWARE RESET
The TMP411 may be reset by writing any value to Pointer
Register FCh. This restores the power-on reset state to all
of the TMP411 registers as well as abort any conversion
in process and clear the ALERT and THERM pins.
The TMP411 also supports reset via the two-wire general
call address (00000000). The TMP411 acknowledges the
general call address and responds to the second byte. If
the second byte is 00000110, the TMP411 executes a
software reset. The TMP411 takes no action in response
to other values in the second byte.
CONSECUTIVE ALERT REGISTER
The value in the Consecutive Alert Register (address 22h)
determines
how
many
consecutive
out-of-limit
measurements must occur on a measurement channel
before the ALERT signal is activated. The value in this
register does not affect bits in the Status Register. Values
of one, two, three, or four consecutive conversions can be
selected; one conversion is the default. This function
allows additional filtering for the ALERT pin. The
consecutive alert bits are shown in Table 9.
Table 9. Consecutive Alert Register
CONSECUTIVE ALERT REGISTER
(READ = 22h, WRITE = 22h, POR = 01h)
C2
C1
C0
NUMBER OF CONSECUTIVE
OUT-OF-LIMIT MEASUREMENTS
0
0
0
1
0
0
1
2
0
1
1
3
1
1
1
4
NOTE: Bit 7 of the Consecutive Alert Register controls the
enable/disable of the timeout function. See the Timeout
Function section for a description of this feature.
THERM HYSTERESIS REGISTER
The THERM Hysteresis Register, shown in Table 11,
stores the hysteresis value used for the THERM pin alarm
function. This register must be programmed with a value
that is less than the Local Temperature High Limit Register
value, Remote Temperature High Limit Register value,
Local THERM Limit Register value, or Remote THERM
Limit
Register
value;
otherwise,
the
respective
temperature comparator will not trip on the measured
temperature falling edges. Allowable hysteresis values
are shown in Table 10. The default hysteresis value is
10
°C, whether the device is operating in the standard or
extended mode setting.
Table 10. Allowable THERM Hysteresis Values
THERM HYSTERESIS VALUE
TEMPERATURE
(
°C)
TH[11:4]
(STANDARD BINARY)
(HEX)
0
0000 0000
00
1
0000 0001
01
5
0000 0101
05
10
0000 1010
0A
25
0001 1001
19
50
0011 0010
32
75
0100 1011
4B
100
0110 0100
64
125
0111 1101
7D
127
0111 1111
7F
150
1001 0110
96
175
1010 1111
AF
200
1100 1000
C8
225
1110 0001
E1
255
1111 1111
FF
BUS OVERVIEW
The TMP411 is SMBus interface-compatible. In SMBus
protocol, the device that initiates the transfer is called a
master, and the devices controlled by the master are
slaves. The bus must be controlled by a master device that
generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions.
To address a specific device, a START condition is
initiated. START is indicated by pulling the data line (SDA)
from a high to low logic level while SCL is high. All slaves
on the bus shift in the slave address byte, with the last bit
indicating whether a read or write operation is intended.
During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge
and pulling SDA low.
Data transfer is then initiated and sent over eight clock
pulses followed by an Acknowledge bit. During data
transfer SDA must remain stable while SCL is high,
because any change in SDA while SCL is high is
interpreted as a control signal.
Once all data has been transferred, the master generates
a STOP condition. STOP is indicated by pulling SDA from
low to high, while SCL is high.


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com