Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 10Page - Texas Instruments TMP411-Q1 Datasheet HTML 11Page - Texas Instruments TMP411-Q1 Datasheet HTML 12Page - Texas Instruments TMP411-Q1 Datasheet HTML 13Page - Texas Instruments TMP411-Q1 Datasheet HTML 14Page - Texas Instruments TMP411-Q1 Datasheet HTML 15Page - Texas Instruments TMP411-Q1 Datasheet HTML 16Page - Texas Instruments TMP411-Q1 Datasheet HTML 17Page - Texas Instruments TMP411-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
14
N-FACTOR CORRECTION REGISTER
The TMP411 allows for a different n-factor value to be used
for
converting
remote
channel
measurements
to
temperature. The remote channel uses sequential current
excitation
to
extract
a
differential
VBE
voltage
measurement to determine the temperature of the remote
transistor. Equation 1 relates this voltage and temperature.
V
BE2
* V
BE1
+ nkT
q
ln
I
2
I
1
The value n in Equation 1 is a characteristic of the
particular transistor used for the remote channel. The
default value for the TMP411 is n = 1.008. The value in the
N-Factor Correction Register may be used to adjust the
effective n-factor according to Equation 2 and Equation 3.
n
eff
+ 1.008 @ 300
300
*N
ADJUST
N
ADJUST + 300*
300
@ 1.008
n
eff
The
n-correction
value
must
be
stored
in
two’s-complement format, yielding an effective data range
from −128 to +127, as shown in Table 8. The n-correction
value may be written to and read from pointer address 18h.
The register power-on reset value is 00h, thus having no
effect unless written to.
Table 8. N-Factor Range
NADJUST
BINARY
HEX
DECIMAL
N
01111111
7F
127
1.747977
00001010
0A
10
1.042759
00001000
08
8
1.035616
00000110
06
6
1.028571
00000100
04
4
1.021622
00000010
02
2
1.014765
00000001
01
1
1.011371
00000000
00
0
1.008
11111111
FF
−1
1.004651
11111110
FE
−2
1.001325
11111100
FC
−4
0.994737
11111010
FA
−6
0.988235
11111000
F8
−8
0.981818
11110110
F6
−10
0.975484
10000000
80
−128
0.706542
MINIMUM AND MAXIMUM REGISTERS
The TMP411 stores the minimum and maximum
temperature measured since power-on, chip-reset, or
minimum and maximum register reset for both the local
and remote channels. The Local Temperature Minimum
Register may be read by reading the high byte from pointer
address 30h and the low byte from pointer address 31h.
The Local Temperature Minimum Register may also be
read by using a two-byte read command from pointer
address 30h. The Local Temperature Minimum Register is
reset at power-on, by executing the chip-reset command,
or by writing any value to any of pointer addresses 30h
through 37h. The reset value for these registers is
FFh/F0h.
The Local Temperature Maximum Register may be read
by reading the high byte from pointer address 32h and the
low byte from pointer address 33h. The Local Temperature
Maximum Register may also be read by using a two-byte
read command from pointer address 32h. The Local
Temperature Maximum Register is reset at power-on by
executing the chip reset command, or by writing any value
to any of pointer addresses 30h through 37h. The reset
value for these registers is 00h/00h.
The Remote Temperature Minimum Register may be read
by reading the high byte from pointer address 34h and the
low byte from pointer address 35h. The Remote
Temperature Minimum Register may also be read by using
a two-byte read command from pointer address 34h. The
Remote Temperature Minimum Register is reset at
power-on by executing the chip reset command, or by
writing any value to any of pointer addresses 30h through
37h. The reset value for these registers is FFh/F0h.
The Remote Temperature Maximum Register may be read
by reading the high byte from pointer address 36h and the
low byte from pointer address 37h. The Remote
Temperature Maximum Register may also be read by
using a two-byte read command from pointer address 36h.
The Remote Temperature Maximum Register is reset at
power-on by executing the chip reset command, or by
writing any value to any of pointer addresses 30h through
37h. The reset value for these registers is 00h/00h.
(1)
(2)
(3)


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com