Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM25060-1MW12 Datasheet(PDF) 11 Page - Cooper Bussmann, Inc.

Part # RM25060-1MW12
Description  Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM25060-1MW12 Datasheet(HTML) 11 Page - Cooper Bussmann, Inc.

Back Button RM25060-1MW12 Datasheet HTML 3Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 4Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 5Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 6Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 7Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 8Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 9Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 10Page - Cooper Bussmann, Inc. RM25060-1MW12 Datasheet HTML 11Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Eaton.com/bussmannseries
Class R 250 V and 600 V ferrule power distribution fuse blocks
Technical Data 10491
Effective June 2016
Eaton, Bussmann, Low-Peak, Fusetron and
Limitron are valuable trademarks of Eaton
in the U.S. and other countries. You are
not permitted to use the Eaton trademarks
without prior written consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group.
NEC is a registered trademark of the National
Fire Protection Association, Inc.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 10491 — BU-MC16069
June 2016
Follow us on social media to get the
latest product and support information.
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Installing/removing covers on 30 and 60 amp blocks
Install cover:
Position cover
over block and
push straight
down until it
snaps/clicks
into place.
Open cover:
Using both
outside handles,
pull straight up.
A
Detail A
For larger conductors, trim center tab
at notch as show in detail A.
Trim tab
here
Installing 30 and 60 amp blocks on a 35mm DIN-Rail
2. Rotate and push block down
to deflect rail clips.
1. Place one edge of DIN-Rail into
rail clips on one side of the block.
3. Continue rotating block
until remaining rail clips
snap into place.


Similar Part No. - RM25060-1MW12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM25060-1CR COOPER-RM25060-1CR Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
More results

Similar Description - RM25060-1MW12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Cooper Bussmann, Inc.
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
Class J modular ferrule and knifeblade fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
LT30030-2 LITTELFUSE-LT30030-2 Datasheet
526Kb / 4P
Class T Fuse Blocks - 300 and 600 Volt
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
Modular ferrule fuse blocks
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com