Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F040T Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49F040T
Description  4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040T Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F040T Datasheet HTML 1Page - ATMEL Corporation AT49F040T Datasheet HTML 2Page - ATMEL Corporation AT49F040T Datasheet HTML 3Page - ATMEL Corporation AT49F040T Datasheet HTML 4Page - ATMEL Corporation AT49F040T Datasheet HTML 5Page - ATMEL Corporation AT49F040T Datasheet HTML 6Page - ATMEL Corporation AT49F040T Datasheet HTML 7Page - ATMEL Corporation AT49F040T Datasheet HTML 8Page - ATMEL Corporation AT49F040T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DIP Top View
4-Megabit
(512K x 8)
5-volt Only
CMOS
Flash Memory
AT49F040
AT49F040T
AT49F040/040T
Features
Single Voltage Operation
– 5V Read
– 5V Reprogramming
Fast Read Access Time - 70 ns
Internal Program Control and Timer
16K bytes Boot Block With Lockout
Fast Erase Cycle Time - 10 seconds
Byte By Byte Programming - 50
µs/Byte
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 50 mA Active Current
– 100
µA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49F040 is a 5-volt-only in-system Flash Memory. Its 4 megabits of memory is
organized as 524,288 words by 8 bits. Manufactured with Atmel’s advanced nonvola-
tile CMOS technology, the device offers access times to 70 ns with power dissipation
of just 275 mW over the commercial temperature range. When the device is dese-
lected, the CMOS standby current is less than 100
µA.
The device contains a user-enabled “boot block” protection feature. Two versions of
the feature are available: the AT49F040 locates the boot block at lowest order
addresses (“bottom boot”); the AT49F040T locates it at highest order addresses (“top
boot”).
Rev. 0998A-A–01/98
AT49F040/040T
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
PLCC Top View
TSOP Top View
Type 1
(continued)


Similar Part No. - AT49F040T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12JC ATMEL-AT49F040T-12JC Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12JI ATMEL-AT49F040T-12JI Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12PC ATMEL-AT49F040T-12PC Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T-12PI ATMEL-AT49F040T-12PI Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F040T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
512K 64K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com