Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83918 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 83918
Description  Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83918 Datasheet(HTML) 2 Page - Integrated Device Technology

  83918_16 Datasheet HTML 1Page - Integrated Device Technology 83918_16 Datasheet HTML 2Page - Integrated Device Technology 83918_16 Datasheet HTML 3Page - Integrated Device Technology 83918_16 Datasheet HTML 4Page - Integrated Device Technology 83918_16 Datasheet HTML 5Page - Integrated Device Technology 83918_16 Datasheet HTML 6Page - Integrated Device Technology 83918_16 Datasheet HTML 7Page - Integrated Device Technology 83918_16 Datasheet HTML 8Page - Integrated Device Technology 83918_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
©2016 Integrated Device Technology, Inc
Revision B March 17, 2016
83918 Data Sheet
Table 1. Pin Descriptions
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2, 12, 17, 25
GND
Power
Power supply ground.
3
LVCMOS_CLK
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
4
CLK_SEL
Input
Pulldown
Clock select pin. When HIGH, selects LVCMOS_CLK. When LOW,
selects crystal inputs. LVCMOS/LVTTL interface levels.
5,
6
XTAL_IN,
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the
output.
7VDD
Power
Positive supply pin.
8, 16, 21, 29
VDDO
Power
Output supply pins.
9, 10, 11,
13, 14, 15,
18, 19, 20, 22,
23, 24, 26, 27,
28, 30, 31, 32
Q17, Q16, Q15,
Q14, Q13, Q12,
Q11, Q10, Q9, Q8,
Q7, Q6, Q5, Q4,
Q3, Q2,Q1, Q0
Output
Single-ended clock outputs. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
(per output)
VDDO = 3.465V
9
pF
VDDO = 2.625V
8
pF
VDDO = 2V
8
pF
RPULLDOWN Input Pulldown Resistor
51
k
ROUT
Output Impedance
VDDO = 3.465V
18
19
20
VDDO = 2.625V
20
22
24
VDDO = 2V
25
29
34


Similar Part No. - 83918_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83918AYILF RENESAS-83918AYILF Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
83918AYILFT RENESAS-83918AYILFT Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results

Similar Description - 83918_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
   LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
   Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
83940D RENESAS-83940D Datasheet
428Kb / 17P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com