Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5307TR Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCF5307TR
Description  UART MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCF5307TR Datasheet(HTML) 2 Page - Motorola, Inc

  MCF5307TR Datasheet HTML 1Page - Motorola, Inc MCF5307TR Datasheet HTML 2Page - Motorola, Inc MCF5307TR Datasheet HTML 3Page - Motorola, Inc MCF5307TR Datasheet HTML 4Page - Motorola, Inc MCF5307TR Datasheet HTML 5Page - Motorola, Inc MCF5307TR Datasheet HTML 6Page - Motorola, Inc MCF5307TR Datasheet HTML 7Page - Motorola, Inc MCF5307TR Datasheet HTML 8Page - Motorola, Inc MCF5307TR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5307 UART Module
1- 2
Motorola ColdFire ®
UART INTERFACE
• TWO INDEPENDENT, FULL DUPLEX ASYNCHRONOUS/SYNCHRONOUS RECEIVER/
• INDEPENDENTLY PROGRAMMABLE BAUD RATE GENERATOR FOR EACH
RECEIVER AND TRANSMITTER DERIVABLE FROM SYSTEM CLOCK
OR EXTERNAL CLOCK ON TIN PIN
• PROGRAMMABLE DATA FORMAT, FIVE TO EIGHT
DATA BITS PLUS PARITY OR ADDRESS MARK BIT
PARITY OPTIONS:
1- ODD PARITY
2- EVEN PARITY
3- FORCE PARITY
4- NO PARITY
• PROGRAMMABLE CHANNEL MODES
NORMAL (FULL DUPLEX)
AUTOMATIC ECHO (HALF DUPLEX)
LOCAL LOOPBACK
REMOTE LOOPBACK
•UART CAN BE PROGRAMMED TO DIRECTLY
INTERRUPT DMA FOR FAST TRANSFERS
TRANSMITTER CHANNELS
OVERVIEW
MCF5307
8K
Unified
Cache
System
Bus
Controller
Interrupt Ctr
2 UARTs
General
Purpose
I/O
M-Bus
JTAG
Debug Rev B
Module
4 DMA
2 Timers
DRAM Cntr
&
Chip Selects
PLL
I Addr Gen
I Fetch1
I Fetch2
I Decode
Instr Buf
Dec&Sel Op
A Gen & Ex
MAC
4K SRAM


Similar Part No. - MCF5307TR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5307 FREESCALE-MCF5307 Datasheet
5Mb / 484P
Integrated Microprocessor
logo
Motorola, Inc
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
Integrated Microprocessor User?셲 Manual
logo
Freescale Semiconductor...
MCF5307AI90B FREESCALE-MCF5307AI90B Datasheet
5Mb / 484P
Integrated Microprocessor
More results

Similar Description - MCF5307TR

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
MM232R FTDI-MM232R Datasheet
1,020Kb / 19P
Mini USB- Serial UART Development Module
UM232R FTDI-UM232R Datasheet
764Kb / 19P
USB- Serial UART Development Module
logo
List of Unclassifed Man...
C328R ETC2-C328R Datasheet
77Kb / 2P
JPEG Camera Module W/ UART Interface
logo
AAEON Technology
PER-C21C AAEON-PER-C21C Datasheet
212Kb / 1P
Mini PCIe Module With Two Isolated UART Ports
logo
List of Unclassifed Man...
ARF7429B ETC-ARF7429B Datasheet
771Kb / 1P
Long distance UART TTL module
NEMO10 ETC-NEMO10 Datasheet
785Kb / 2P
Uart embedded device sever module
logo
Future Technology Devic...
UMFT231XE FTDI-UMFT231XE Datasheet
773Kb / 18P
UMFT231XE USB to Full-Handshake UART Development Module
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
Dual-Mode UART HCI Module
logo
Future Technology Devic...
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
UMFT230XA USB to Basic UART Development Module
logo
List of Unclassifed Man...
HLK-RM04 ETC1-HLK-RM04 Datasheet
205Kb / 9P
low-cost embedded UART-ETH-WIFI module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com