Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV25-P Datasheet(PDF) 1 Page - LEM

Part # LV25-P
Description  VOLTAGE TRANSDUCER LV 25-P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LV25-P Datasheet(HTML) 1 Page - LEM

  LV25-P Datasheet HTML 1Page - LEM LV25-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Transducer LV 25-P
For the electronic measurement of voltages : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high voltage)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
10
mA
I
P
Primary current, measuring range
0 .. ± 14
mA
R
M
Measuring resistance
R
M min
R
M max
with ± 12 V
@ ± 10 mA
max
30
190
@ ± 14 mA
max
30
100
with ± 15 V
@ ± 10 mA
max
100
350
@ ± 14 mA
max
100
190
I
SN
Secondary nominal r.m.s. current
25
mA
K
N
Conversion ratio
2500 : 1000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ±15 V)+ I
S mA
V
d
R.m.s. voltage for AC isolation test 1), 50 Hz, 1 mn
2.5
kV
Accuracy - Dynamic performance data
X
G
Overall Accuracy @ I
PN , TA = 25°C
@ ± 12 .. 15 V
± 0.9
%
@ ± 15 V (± 5 %)
± 0.8
%
ε
L
Linearity
< 0.2
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.15
mA
I
O T
Thermal drift of I
O
0°C .. + 25°C
± 0.06 ± 0.25
mA
+ 25°C .. + 70°C
± 0.10 ± 0.35
mA
t
r
Response time 2) @ 90 % of V
P max
40
µs
General data
T
A
Ambient operating temperature
0 .. + 70
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
R
P
Primary coil resistance @ T
A = 70°C
250
R
S
Secondary coil resistance @ T
A = 70°C
110
m
Mass
22
g
Standards 3)
EN 50178
Notes : 1) Between primary and secondary
2) R
1 = 25 kΩ (L/R constant, produced by the resistance and inductance
of the primary circuit)
3) A list of corresponding tests is available
Features
Closed loop (compensated) voltage
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0.
Principle of use
For voltage measurements, a current
proportional to the measured voltage
must be passed through an external
resistor R
1 which is selected by the
user and installed in series with the
primary circuit of the transducer.
Advantages
Excellent accuracy
Very good linearity
Low thermal drift
Low response time
High bandwidth
High immunity to external
interference
Low disturbance in common mode.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Power supplies for welding
applications.
981125/14
I
PN
= 10 mA
V
PN =
10 .. 500 V
LEM Components
ww w .lem.com
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
http://www.sensor.com.tw
e-mail: tope@ms1.hinet.net


Similar Part No. - LV25-P

ManufacturerPart #DatasheetDescription
logo
LEM
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
   Voltage Transducer
More results

Similar Description - LV25-P

ManufacturerPart #DatasheetDescription
logo
LEM
LV25-1000 LEM-LV25-1000 Datasheet
73Kb / 2P
   Voltage Transducer LV 25-1000
LV25-800 LEM-LV25-800 Datasheet
78Kb / 2P
   Voltage Transducer LV 25-800
LV25-600 LEM-LV25-600 Datasheet
75Kb / 2P
   Voltage Transducer LV 25-600
LV25-200 LEM-LV25-200 Datasheet
79Kb / 2P
   Voltage Transducer LV 25-200
LV25-400 LEM-LV25-400 Datasheet
74Kb / 2P
   Voltage Transducer LV 25-400
LV25-1200 LEM-LV25-1200 Datasheet
90Kb / 2P
   Voltage Transducer LV 25-1200
LV100 LEM-LV100 Datasheet
57Kb / 2P
   Voltage Transducer LV 100
LV100-150 LEM-LV100-150 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-150
LV100-900 LEM-LV100-900 Datasheet
65Kb / 2P
   Voltage Transducer LV 100-900
LV100-400 LEM-LV100-400 Datasheet
65Kb / 2P
   Voltage Transducer LV 100-400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com