Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX30100 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX30100
Description  Integrated Ambient Light Cancellation
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30100 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX30100 Datasheet HTML 2Page - Maxim Integrated Products MAX30100 Datasheet HTML 3Page - Maxim Integrated Products MAX30100 Datasheet HTML 4Page - Maxim Integrated Products MAX30100 Datasheet HTML 5Page - Maxim Integrated Products MAX30100 Datasheet HTML 6Page - Maxim Integrated Products MAX30100 Datasheet HTML 7Page - Maxim Integrated Products MAX30100 Datasheet HTML 8Page - Maxim Integrated Products MAX30100 Datasheet HTML 9Page - Maxim Integrated Products MAX30100 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
(VDD = 1.8V, VIR_LED+ = VR_LED+ = 3.3V, TA = +25°C, unless otherwise noted.)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.00
0.50
1.00
1.50
2.00
2.50
SUPPLY VOLTAGE (V)
VDD SUPPLY CURRENT vs.
SUPPLY VOLTAGE
toc03
MODE 0
MODE 2
MODE 3
0.04
0.05
0.06
0.07
0.08
0.09
0
10
20
30
40
50
60
70
LED PULSE CURRENT (mA)
IR LED SUPPLY HEADROOM
(-10% CURRENT)
toc02
TA = +25°C
0
10000
20000
30000
40000
50000
60000
70000
0
5
10
15
20
DISTANCE (mm)
DC COUNTS vs. DISTANCE FOR
WHITE HIGH IMPACT STYRENE CARD
toc04
RED
IR
MODE[2:0] = 011
SPO2_HI_RES_EN = 1
SPO2_ADC_RGE = 0
SPO2_SR[2:0] = 001
RED or IR_PA[3:0] =
0101
0
1
2
3
4
5
6
7
-50
0
50
100
150
TEMPERATURE (°C)
VDD SHUTDOWN CURRENT
vs. TEMPERATURE
V
DD = 1.7V
toc05
V
DD = 2.0V
VDD = 1.8V
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
-50
0
50
100
150
TEMPERATURE (°C)
LED SHUTDOWN CURRENT
vs. TEMPERATURE
V
DD = 3.1V
toc06
VDD = 3.6V
V
DD = 3.3V
-4
-3
-2
-1
0
1
2
3
-40
10
60
110
ACTUAL TEMPERATURE (°C)
ON-BOARD TEMPERATURE vs. ERROR
toc07
-20
0
20
40
60
80
100
120
500
600
700
800
WAVELENGTH (nm)
RED LED SPECTRA at +30°C
toc08
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0
10 20 30 40 50 60 70 80
LED PULSE CURRENT (mA)
RED LED SUPPLY HEADROOM
(-10% CURRENT)
toc01
TA = +25°C
Maxim Integrated │ 6
www.maximintegrated.com
MAX30100
Pulse Oximeter and Heart-Rate Sensor IC
for Wearable Health
Typical Operating Characteristics


Similar Part No. - MAX30100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3010 MAXIM-MAX3010 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30101 MAXIM-MAX30101 Datasheet
3Mb / 14P
   On-Board Accelerometer
Rev 0; 5/16
MAX30101DBEVKIT MAXIM-MAX30101DBEVKIT Datasheet
3Mb / 14P
   On-Board Accelerometer
Rev 0; 5/16
MAX30101DBEVKIT# MAXIM-MAX30101DBEVKIT# Datasheet
3Mb / 14P
   On-Board Accelerometer
Rev 0; 5/16
MAX30101EVKIT MAXIM-MAX30101EVKIT Datasheet
3Mb / 14P
   MAX30101 Evaluation System
Rev 0; 5/16
More results

Similar Description - MAX30100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1132 SILABS-SI1132 Datasheet
703Kb / 49P
   Integrated ambient light sensor
logo
Texas Instruments
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
   Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
Texas Instruments
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
   Ambient light
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com