Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX30100 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX30100
Description  Integrated Ambient Light Cancellation
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30100 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX30100 Datasheet HTML 5Page - Maxim Integrated Products MAX30100 Datasheet HTML 6Page - Maxim Integrated Products MAX30100 Datasheet HTML 7Page - Maxim Integrated Products MAX30100 Datasheet HTML 8Page - Maxim Integrated Products MAX30100 Datasheet HTML 9Page - Maxim Integrated Products MAX30100 Datasheet HTML 10Page - Maxim Integrated Products MAX30100 Datasheet HTML 11Page - Maxim Integrated Products MAX30100 Datasheet HTML 12Page - Maxim Integrated Products MAX30100 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
880nm
660nm
ADC
AMBIENT LIGHT
CANCELLATION ANALOG
ADC
TEMP
OSCILLATOR
DIGITAL
FILTER
DIGITAL
DATA
REGISTER
LED DRIVERS
I2C
COMMUNICATION
INT
SDA
SCL
VDD
IR_LED+
R_LED+
IR_DRV
R_DRV
GND
PGND
RED
IR
RED+IR
www.maximintegrated.com
Maxim Integrated │ 9
MAX30100
Pulse Oximeter and Heart-Rate Sensor IC
for Wearable Health
Detailed Description
The MAX30100 is a complete pulse oximetry and heart-
rate sensor system solution designed for the demanding
requirements of wearable devices. The MAX30100 pro-
vides very small total solution size without sacrificing opti-
cal or electrical performance. Minimal external hardware
components are needed for integration into a wearable
device.
The MAX30100 is fully configurable through software reg-
isters, and the digital output data is stored in a 16-deep
FIFO within the device. The FIFO allows the MAX30100
to be connected to a microcontroller or microprocessor on
a shared bus, where the data is not being read continu-
ously from the device’s registers.
SpO2 Subsystem
The SpO2 subsystem in the MAX30100 is composed of
ambient light cancellation (ALC), 16-bit sigma delta ADC,
and proprietary discrete time filter.
The SpO2 ADC is a continuous time oversampling sigma
delta converter with up to 16-bit resolution. The ADC out-
put data rate can be programmed from 50Hz to 1kHz. The
MAX30100 includes a proprietary discrete time filter to
reject 50Hz/60Hz interference and low-frequency residual
ambient noise.
Temperature Sensor
The MAX30100 has an on-chip temperature sensor for
(optionally) calibrating the temperature dependence of the
SpO2 subsystem.
The SpO2 algorithm is relatively insensitive to the wave-
length of the IR LED, but the red LED’s wavelength is criti-
cal to correct interpretation of the data. The temperature
sensor data can be used to compensate the SpO2 error
with ambient temperature changes.
LED Driver
The MAX30100 integrates red and IR LED drivers to drive
LED pulses for SpO2 and HR measurements. The LED
current can be programmed from 0mA to 50mA (typical
only) with proper supply voltage. The LED pulse width
can be programmed from 200µs to 1.6ms to optimize
measurement accuracy and power consumption based
on use cases.
Functional Diagram


Similar Part No. - MAX30100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3010 MAXIM-MAX3010 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30101 MAXIM-MAX30101 Datasheet
3Mb / 14P
   On-Board Accelerometer
Rev 0; 5/16
MAX30101DBEVKIT MAXIM-MAX30101DBEVKIT Datasheet
3Mb / 14P
   On-Board Accelerometer
Rev 0; 5/16
MAX30101DBEVKIT# MAXIM-MAX30101DBEVKIT# Datasheet
3Mb / 14P
   On-Board Accelerometer
Rev 0; 5/16
MAX30101EVKIT MAXIM-MAX30101EVKIT Datasheet
3Mb / 14P
   MAX30101 Evaluation System
Rev 0; 5/16
More results

Similar Description - MAX30100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1132 SILABS-SI1132 Datasheet
703Kb / 49P
   Integrated ambient light sensor
logo
Texas Instruments
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
[Old version datasheet]   LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
logo
Cirrus Logic
WM8281 CIRRUS-WM8281 Datasheet
7Mb / 392P
   Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
logo
Texas Instruments
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
[Old version datasheet]   LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
   Ambient light
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com