Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK042CG0R7AD-W Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK042CG0R7AD-W
Description  Lifecycle Stage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK042CG0R7AD-W Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  EMK042CG0R7AD-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK042CG0R7AD-W Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CDD02
RoHS compliance product
○EMK042CG0R7AD
16V 0402 CG/C0G 0.7pF +/- 0.05pF t=0.22mmMAX
16V 01005 CG/C0G 0.7pF +/- 0.05pF t=0.009inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1
10
100
1000
10000 100000
Frequency[MHz]
EMK042CG0R7AD
Ca pa cita nce Freq.
-10
-5
0
5
10
0
2
4
6
8
10
12
14
16
DC Bia s Volta ge[V]
EMK042CG0R7AD
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
100000
1000000
1
10
100
1000
10000 100000
Frequency[MHz]
EMK042CG0R7AD
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
EMK042CG0R7AD
Ca pa cita nce Temp.


Similar Part No. - EMK042CG0R7AD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG0R7BD-W TAIYO-YUDEN-EMK042CG0R7BD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
EMK042CG0R7CD-W TAIYO-YUDEN-EMK042CG0R7CD-W Datasheet
143Kb / 1P
   Standard Multilayer Ceramic Capacitors (Temperature compensating type)
More results

Similar Description - EMK042CG0R7AD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG6R4CD-W TAIYO-YUDEN-EMK042CG6R4CD-W Datasheet
286Kb / 2P
   Lifecycle Stage
EMK042CG5R1BD-W TAIYO-YUDEN-EMK042CG5R1BD-W Datasheet
286Kb / 2P
   Lifecycle Stage
HMK107B7473KAHT TAIYO-YUDEN-HMK107B7473KAHT Datasheet
285Kb / 2P
   Lifecycle Stage
TMK042CG5R3DD-W TAIYO-YUDEN-TMK042CG5R3DD-W Datasheet
286Kb / 2P
   Lifecycle Stage
TMK021CG060CK-W TAIYO-YUDEN-TMK021CG060CK-W Datasheet
285Kb / 2P
   Lifecycle Stage
TMK042CG101JC-W TAIYO-YUDEN-TMK042CG101JC-W Datasheet
286Kb / 2P
   Lifecycle Stage
TMK042CG0R5AD-W TAIYO-YUDEN-TMK042CG0R5AD-W Datasheet
287Kb / 2P
   Lifecycle Stage
EMK042CG2R1AD-W TAIYO-YUDEN-EMK042CG2R1AD-W Datasheet
287Kb / 2P
   Lifecycle Stage
TMK042CG360JC-W TAIYO-YUDEN-TMK042CG360JC-W Datasheet
287Kb / 2P
   Lifecycle Stage
EMK042CG5R4BD-W TAIYO-YUDEN-EMK042CG5R4BD-W Datasheet
287Kb / 2P
   Lifecycle Stage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com