Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTTBS3 Datasheet(PDF) 1 Page - MMD Components

Part # MTTBS3
Description  Low Profile SMD Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTTBS3 Datasheet(HTML) 1 Page - MMD Components

  MTTBS3 Datasheet HTML 1Page - MMD Components MTTBS3 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
MTTB121120J
Revisions only with customer approval
Pg 1 of 2
M
MT
TT
TB
B S
Se
erriie
ess
5
5 X
X 3
3..2
2 C
Ce
erra
am
miicc S
SM
MD
D V
VC
CT
TC
CX
XO
O
 Low Profile SMD Device
 Hermetically Sealed
 Tight Stability Over Temperature
 Low Power Consumption
Marking Detail
Line 1 = MXXXXX
M
= MMD
XXXXX
= Frequency in MHZ
Line 2 = SYYWWL
S
= Internal Code
YYWW
= 4 Digit Date Code
(Year / Week)
L
= Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Fine Leak Test
MIL-STD-883, Method 1014, Condition A-2
MSL
Level 1 per IPC/JEDEC J-STD 20
Phase Noise
Environmental & Mechanical Detail
Frequency Range
10.000MHZ to 32.000MHZ
Frequency Stability vs Temperature*
(See Frequency Stability vs Temperature Table)
Frequency vs Time
±1 ppm per year
Operating Temperature Range
(See Frequency Stability vs Temperature Table)
Storage Temperature Range
-40°C to +85°C
Supply Voltage (±10%)
+2.6 VDC to +2.8VDC
+3.0 VDC to +3.3VDC
+2.6 VDC to +2.8VDC
+3.0 VDC to +3.3VDC
Control Voltage
Vc = +1.40VDC
+0.40VDC to
+2.40VDC
Vc = +1.50VDC
+0.50VDC to
+2.80VDC
Vc = +1.40VDC
+0.40VDC to
+2.40VDC
Vc = +1.50VDC
+0.50VDC to
+2.80VDC
Supply Current
1.5mA max
5mA max
Output Type
Clipped Sinewave
HCMOS
Output Level
0.9 – 1.4 Vp-p
Logic “1” = 90% of Vdd Min
Logic “0” = 10% of Vdd Max
Load
10k Ohms // 10pF
15pF
Harmonics
-10dBc max
Frequency Tunning Range
±3 ppm to ±25 ppm
Phase Noise
-135dBc/Hz max (at 1kHz offset)
Start-up Time
2ms max (Output level will be 90% from the final value)
* Inclusive of Temperature., Load, and Voltage


Similar Part No. - MTTBS3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTTBS315A MMD-MTTBS315A Datasheet
411Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
MTTBS315AG MMD-MTTBS315AG Datasheet
411Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
MTTBS315AV MMD-MTTBS315AV Datasheet
411Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
MTTBS315C MMD-MTTBS315C Datasheet
411Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
MTTBS315CG MMD-MTTBS315CG Datasheet
411Kb / 2P
   5 x 3.2 Ceramic SMD VCTCXO
More results

Similar Description - MTTBS3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTSS3 MMD-MTSS3 Datasheet
134Kb / 2P
   Low Profile SMD Device
MTTAS5 MMD-MTTAS5 Datasheet
209Kb / 2P
   Low Profile SMD Device
MTVSS25 MMD-MTVSS25 Datasheet
122Kb / 2P
   Low Profile SMD Device
logo
Epson ToYoCom
MC-146 EPSONTOYOCOM-MC-146_10 Datasheet
177Kb / 1P
   LOW PROFILE SMD
logo
Advanced Crystal Techno...
ACT9200WC ACT-ACT9200WC Datasheet
126Kb / 3P
   low profile SMD
15/02/05
logo
Epson ToYoCom
MA-306 EPSONTOYOCOM-MA-306_10 Datasheet
237Kb / 1P
   LOW PROFILE SMD
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
   Low Profile SMD Crystal
logo
Advanced Crystal Techno...
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
   miniature, low profile SMD
26/10/05
logo
MMD Components
MXH1 MMD-MXH1 Datasheet
131Kb / 2P
   Low Profile SMD Package
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
   Low Profile SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com