Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1099U Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1099U
Description  Low-Frequency Dual EconOscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1099U Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1099U Datasheet HTML 1Page - Dallas Semiconductor DS1099U Datasheet HTML 2Page - Dallas Semiconductor DS1099U Datasheet HTML 3Page - Dallas Semiconductor DS1099U Datasheet HTML 4Page - Dallas Semiconductor DS1099U Datasheet HTML 5Page - Dallas Semiconductor DS1099U Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Low-Frequency Dual EconOscillator
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
6 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2004 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
The divider settings, X0 and X1, are factory pro-
grammed. When placing an order for the DS1099, it is
required to specify X0 and X1. If only one output is used,
it is recommended that the unused output be disabled.
The oscillator outputs are asynchronous. Since the
master oscillator and dividers are free running, even
when both outputs are disabled, the state of the output
when OE becomes active is unknown for up to half an
fOUT period. When OE is brought low, the output is
enabled instantaneously. Likewise, if the output is dis-
abled while outputting the low half of a cycle, the out-
put instantaneously is forced high before the current
cycle is completed.
Application Information
Power-Supply Decoupling
To achieve best results, it is highly recommended that
a decoupling capacitor is used on the IC power-supply
pins. Typical values of decoupling capacitors are
0.01µF and 0.1µF. Use a high-quality, ceramic, sur-
face-mount capacitor, and mount it as close as possi-
ble to the VCC and GND pins of the IC to minimize lead
inductance.
Chip Topology
TRANSISTOR COUNT: 4221
SUBSTRATE CONNECTED TO GROUND
Package Information
For the latest package outline information, go to
www.maxim-ic.com/DallasPackInfo.
Ordering Information (continued)
ααα
α
DIVISOR
fOUT
A2
0
1.048MHz
B2
1
0.524MHz
C2
2
0.262MHz
D2
3
0.131MHz
E2
4
65.50kHz
F2
5
32.750kHz
G2
6
16.375kHz
H2
7
8.187kHz
J2
8
4.093kHz
K2
9
2.046kHz
L2
10
1.023kHz
M
2
11
511.7Hz
N2
12
255.8Hz
P2
13
127.9Hz
Q2
14
63.96Hz
R2
15
31.98Hz
S2
16
16Hz
T2
17
8Hz
U2
18
4Hz
W
2
19
2Hz
X2
20
1Hz
Y2
21
0.5Hz
Z2
22
0.25Hz
Branding Information
The package branding includes
α0 and α1 on the top
of the package next to or below 1099.


Similar Part No. - DS1099U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1099U MAXIM-DS1099U Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1099U-AOA1 MAXIM-DS1099U-AOA1 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
More results

Similar Description - DS1099U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090 Datasheet
998Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com