Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF2012LM17R2400A Datasheet(PDF) 4 Page - YAGEO Corporation

Part # BPF2012LM17R2400A
Description  Band Pass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

BPF2012LM17R2400A Datasheet(HTML) 4 Page - YAGEO Corporation

  BPF2012LM17R2400A Datasheet HTML 1Page - YAGEO Corporation BPF2012LM17R2400A Datasheet HTML 2Page - YAGEO Corporation BPF2012LM17R2400A Datasheet HTML 3Page - YAGEO Corporation BPF2012LM17R2400A Datasheet HTML 4Page - YAGEO Corporation BPF2012LM17R2400A Datasheet HTML 5Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.yageo.com
Jan. 30, 2013 V.0
WIRELESS COMPONENTS
4
5
Product specification
Band Pass Filter
ELECTRICAL PERFORMANCES
Fig. 2 Reference design of evaluation board
Fig. 3 Frequency Characteristics
TYPE
DIMENSION
FUNCTION
L(mm)
1.70
±0.1
Ground Pad
W(mm)
6.00
±0.1
---
P1(mm)
0.76
±0.1
Feed Pad
P2(mm)
0.76
±0.1
Feed Pad
D(mm)
0.50
±0.1
---
O(mm)
d=0.3
Via hole


Similar Part No. - BPF2012LM17R2400A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BPF2012LM09R2400A YAGEO-BPF2012LM09R2400A Datasheet
384Kb / 5P
   WIRELESS COMPONENTS
BPF2012LM47R2400A YAGEO-BPF2012LM47R2400A Datasheet
379Kb / 5P
   WIRELESS COMPONENTS
More results

Similar Description - BPF2012LM17R2400A

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FIS-60 SYNERGY-FIS-60 Datasheet
192Kb / 2P
   BAND PASS FILTER
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
   BAND PASS FILTER
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
   band pass filter
FNS-400 SYNERGY-FNS-400 Datasheet
194Kb / 2P
   BAND PASS FILTER
FIS-50 SYNERGY-FIS-50 Datasheet
315Kb / 2P
   BAND PASS FILTER
logo
PCA ELECTRONICS INC.
EPB5017G PCA-EPB5017G Datasheet
25Kb / 1P
   Band Pass Filter
logo
Mini-Circuits
XBF-24 MINI-XBF-24 Datasheet
511Kb / 6P
   Band Pass Filter
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FIS-10.7 SYNERGY-FIS-10.7 Datasheet
192Kb / 2P
   BAND PASS FILTER
FBS-30 SYNERGY-FBS-30 Datasheet
200Kb / 2P
   BAND PASS FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com